Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments TMP20 Datasheet HTML 14Page - Texas Instruments TMP20 Datasheet HTML 15Page - Texas Instruments TMP20 Datasheet HTML 16Page - Texas Instruments TMP20 Datasheet HTML 17Page - Texas Instruments TMP20 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Vset
Vref
VCC
VCC
VCC
-
+
Vout
Vtemp
Vtrip
R1 10k
TEMP
V2 5
GND
T
GND
VOUT
V+
2
4
5
TMP20
+
-
+
REF
U1 TLV3021
Analog Temperature Switch
V
trip = 80C
Input voltage (V)
25.00
35.00
45.00
55.00
65.00
75.00
85.00
95.00
105.00 115.00 125.00
0.00
1.25
2.50
3.75
5.00
Trip Point = 80C
Copyright © 2017, Texas Instruments Incorporated
14
TMP20
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 TINA-TI (Free Download Software)
TINA is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI is a
free, fully functional version of the TINA software, preloaded with a library of macromodels in addition to a range
of passive and active models. It provides all the conventional dc, transient, and frequency domain analysis of
SPICE and additional design capabilities.
Available as a free download from the WEBENCH® Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways.
Virtual instruments offer users the ability to select input waveforms and probe circuit nodes, voltages, and
waveforms, creating a dynamic quick-start tool.
Figure 15 and Figure 16 show example TINA-TI circuits for the TMP20 that can develop, modify, and assess the
circuit design for specific applications. Links to download these simulation files are given below.
11.1.1.1 Using TINA-TI SPICE-Based Analog Simulation Program with the TMP20
NOTE
These files require that the TINA software (from DesignSoft) or TINA-TI software be
installed. Download the free TINA-TI software from the TINA-TI folder.
Note:
The TMP20 TINA model is preliminary only.
Figure 15. Analog Temperature Switch
To download a compressed file that contains the TINA-TI simulation file for this circuit, visit the WEBENCH®
Design Center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com