Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments TMP20 Datasheet HTML 14Page - Texas Instruments TMP20 Datasheet HTML 15Page - Texas Instruments TMP20 Datasheet HTML 16Page - Texas Instruments TMP20 Datasheet HTML 17Page - Texas Instruments TMP20 Datasheet HTML 18Page - Texas Instruments TMP20 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Vset
VTEMP
Vset
VCC
VCC
Hot Plate
Cold Plate
Vref
VCC
VTEMP
Vref
Vref
VCC
VCC
Cold Plate
Hot Plate
VCC
Tobject (C)
C3 2.5u
R7 31.6k
R6 100M
C2 15.9n
R3 1M
VoA333
R2 100k
V
+
VM3
+
-
+
U1 OPA333
1
3
T1 TEC1
GND
T
GND
VOUT
V+
2
4
5
TMP20
Iset
3
I LimFlg
4
5
_
6
+
7
T Flg
8
En
12
+V
14
Out
17
V-
19
Imon
U3 OPA569
V2 1.4
TEMP(C)
R5 100k
V1 2.5
RTflag2 10k
Iset
3
I LimFlg
4
5
_
6
+
7
T Flg
8
En
12
+V
14
Out
17
V-
19
Imon
U2 OPA569
RTflag1 10k
V
+
VM2
V
+
VM1
A
+
Isink
VoA2
RF3 100k
RG3 100k
A
+
Isource
VoA1
5
RG1 100k
TEC, Heat Sink, Object,
and TMP20 Mounting
Copyright © 2017, Texas Instruments Incorporated
15
TMP20
www.ti.com
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Device Support (continued)
(1)
The TMP20 TINA model is preliminary only.
(2)
Parameters and definitions:
a.
Tobject = Temperature of the object to be cooled (in °C)
b.
Vset = Voltage that corresponds to the desired output temperature from the TMP20
c.
VTEMP = Voltage output of the TMP20
d.
Hotplate = TEC plate on opposite side of object
e.
Coldplate = TEC plate in contact with object
(3)
In this configuration, the TEC driver can cool to –T°C and heating to 41°C; the Vset range is 1.38 V to 1.95 V. The
OPA569 device outputs = ±1.65 A, ±0.5 V to ±4.5 V. The 10-MΩ resistors are for TINA convergence.
(4)
For convergence in TINA software: In Analysis/Set Analysis Parameters menu, set shunt conductance = 1 p.
Figure 16. Thermoelectric Cooler
To download a compressed file that contains the TINA-TI simulation file for this circuit, see Thermoelectric
Cooler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com