Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments TMP20 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TMP20
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Feature Description (continued)
Table 1 lists common temperature ranges of interest and the corresponding linear transfer functions for these
ranges. Note that the error (maximum deviation) of the linear equation from the parabolic equation increases as
the temperature ranges widen.
Table 1. Common Temperature Ranges and Corresponding Linear Transfer Functions
TEMPERATURE RANGE
LINEAR EQUATION (V)
MAXIMUM DEVIATION OF LINEAR
EQUATION FROM PARABOLIC
EQUATION (°C)
TMIN (°C)
TMAX (°C)
–55
130
VOUT = –11.79 mV/°C × T + 1.8528
±1.41
–40
110
VOUT = –11.77 mV/°C × T + 1.8577
±0.93
–30
100
VOUT = –11.77 mV/°C × T + 1.8605
±0.70
–40
85
VOUT = –11.67 mV/°C × T + 1.8583
±0.65
–10
65
VOUT = –11.71 mV/°C × T + 1.8641
±0.23
35
45
VOUT = –11.81 mV/°C × T + 1.8701
±0.004
20
30
VOUT = –11.69 mV/°C × T + 1.8663
±0.004
7.4 Device Functional Modes
The singular functional mode of the TMP20 is an analog output inversely proportional to temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com