Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments TMP20 Datasheet HTML 14Page - Texas Instruments TMP20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
R
(1)
1 nF
TMP20
MSP430
C
(1)
TMP20
MSP430
Copyright © 2017, Texas Instruments Incorporated
11
TMP20
www.ti.com
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Output Drive and Capacitive Loads
When used in noisy environments, adding a capacitor from the output to ground with a series resistor filters the
TMP20 output; this configuration is shown in Figure 11. The TMP20 can drive up to 1 nF of load capacitance
while sourcing and sinking 600 μA. Under this condition, capacitive loads in the range of 1 nF to 10 μF require a
150-
Ω series output resistor to achieve a stable temperature measurement. The output impedance of the TMP20
is typically 10 Ω when sinking currents and less than 1 Ω when sourcing current, as shown in Figure 1.
(1) A series resistor (R) may be required depending upon the amount of capacitance (C) and the amount of source and sink current drawn
from the output of the TMP20.
Figure 11. TMP20 Output Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com