Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 3 Page - Texas Instruments

  TMP20 Datasheet HTML 1Page - Texas Instruments TMP20 Datasheet HTML 2Page - Texas Instruments TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
5
4
GND
V+
NC
GND
V
OUT
1
NC
6
GND
2
NC / GND
5
NC / GND
3
VOUT
4
V+
Not to scale
3
TMP20
www.ti.com
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRL Package
6-Pin SOT-563
Top View
DCK Package
5-Pin SC70
Top View
NC- no internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRL (SOT-
563)
DCK (SC70)
GND
6
5
—
Ground pin
NC
1
1
—
This pin must be grounded or left floating. See Layout Example for more
information.
NC / GND
2, 5
2
—
This pin must be grounded or left floating. For best thermal response, connect
to GND plane. See Layout Example for more information.
VOUT
3
3
O
Analog output
V+
4
4
I
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com