Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 22Page - Texas Instruments TPA2012D2 Datasheet HTML 23Page - Texas Instruments TPA2012D2 Datasheet HTML 24Page - Texas Instruments TPA2012D2 Datasheet HTML 25Page - Texas Instruments TPA2012D2 Datasheet HTML 26Page - Texas Instruments TPA2012D2 Datasheet HTML 27Page - Texas Instruments TPA2012D2 Datasheet HTML 28Page - Texas Instruments TPA2012D2 Datasheet HTML 29Page - Texas Instruments TPA2012D2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
26
TPA2026D2
SLOS649B – MARCH 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
The default register map values are given in Table 5.
Table 5. TPA2026D2 Default Register Values
REGISTER
0x01
0x02
0x03
0x04
0x05
0x06
0x07
Default
C3h
05h
0Bh
00h
06h
3Ah
C2h
Any register above address 0x08 is reserved for testing and must not be written to because it may change the
function of the device. If read, these bits may assume any value.
Some of the default values can be reprogrammed through the I2C interface and written to the EEPROM. This
function is useful to speed up the turnon time of the device and minimizes the number of I2C writes. If this is
required, contact your local TI representative.
The TPA2026D2 I2C address is 0xB0 (binary 10110000) for writing and 0xB1 (binary 10110001) for reading. If a
different I2C address is required, contact your local TI representative. See General I2C Operation for more
details.
The following tables show the details of the registers, the default values, and the values that can be programmed
through the I2C interface.
9.6.1 IC Function Control (Address: 1)
Table 6. IC Function Control (Address: 1)
REGISTER
ADDRESS
I2C BIT
LABEL
DEFAULT
DESCRIPTION
01 (01H) – IC
Function Control
7
SPK_EN_R
1 (enabled)
Enables right amplifier
6
SPK_EN_L
1 (enabled)
Enables left amplifier
5
SWS
0 (enabled)
Shutdown IC when bit = 1
4
FAULT_R
0
Changes to a 1 when there is a short on the right channel. Reset by writing
a 0.
3
FAULT_L
0
Changes to a 1 when there is a short on the left channel. Reset by writing a
0
2
Thermal
0
Changes to a 1 when die temperature is above 150°C
1
UNUSED
1
0
NG_EN
1 (enabled)
Enables Noise Gate function
SPK_EN_R:
Enable bit for the right-channel amplifier. Amplifier is active when bit is high. This function is
gated by thermal and returns once the IC is below the threshold temperature.
SPK_EN_L:
Enable bit for the left-channel amplifier. Amplifier is active when bit is high. This function is
gated by thermal and returns once the IC is below the threshold temperature
SWS:
Software shutdown control. The device is in software shutdown when the bit is 1 (control, bias
and oscillator are inactive). When the bit is 0 the control, bias and oscillator are enabled.
FAULT_L:
This bit indicates that an over-current event has occurred on the left channel with a 1. This bit
is cleared by writing a 0 to it.
FAULT_R:
This bit indicates that an over-current event has occurred on the right channel with a 1. This bit
is cleared by writing a 0 to it.
Thermal:
This bit indicates a thermal shutdown that was initiated by the hardware with a 1. This bit is
deglitched and latched, and can be cleared by writing a 0 to it.
NG_EN:
Enable bit for the Noise Gate function. This function is enabled when this bit is high. This
function can only be enabled when the Compression ratio is not 1:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com