Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments TPA2012D2 Datasheet HTML 12Page - Texas Instruments TPA2012D2 Datasheet HTML 13Page - Texas Instruments TPA2012D2 Datasheet HTML 14Page - Texas Instruments TPA2012D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
400m
200m
600m
800m
1m
1.2m
1.6m
1.4m
1.8m
2m
t-Time-s
Output
SWS
Disable
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
2m
1m
3m
4m
5m
6m
8m
7m
9m
10m
t-Time-s
Output
SWSEnable
Vsupply − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
THD = 1%
THD = 10%
f = 1 kHz
Gain = 6 dB
RL = 4 Ω + 33 µH
WCSP
Vsupply − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
THD = 1%
THD = 10%
f = 1 kHz
Gain = 6 dB
RL = 8 Ω + 33 µH
WCSP
PO − Total Output Power − W
0
1
2
3
4
5
6
7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSupply = 2.5 V
VSupply = 3.6V
VSupply = 5.0 V
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
PO − Total Output Power − W
0
1
2
3
4
0.0
0.2
0.4
0.6
0.8
1.0
VSupply = 2.5 V
VSupply = 3.6V
VSupply = 5.0 V
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
11
TPA2026D2
www.ti.com
SLOS649B – MARCH 2010 – REVISED MAY 2016
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 23. Total Supply Current vs Total Output Power, 4
Ω
Figure 24. Total Supply Current vs Total Output Power, 8
Ω
Figure 25. Output Power vs Supply Voltage, 4
Ω
Figure 26. Output Power vs Supply Voltage, 8
Ω
Figure 27. TPA2026D2 vs TPA2016D2 Start-Up Gain Ramp
Figure 28. TPA2026D2 vs TPA2016D2 Shutdown Gain Ramp
Figure 29. Shutdown Time
Figure 30. Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com