Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
2
3
4
A
B
C
D
INR–
INR+
INL+
INL–
AVDD
SCL
SDA
AGND
PVDDR
SDZ
PGND
PVDDL
OUTR+ OUTR– OUTL–
OUTL+
3
TPA2026D2
www.ti.com
SLOS649B – MARCH 2010 – REVISED MAY 2016
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
NUMBER
SPEAKER AMP TYPE
SPECIAL FEATURE
OUTPUT POWER (W)
PSRR (dB)
TPA2012D2
Class D
—
2.1
71
TPA2016D2
Class D
AGC/DRC
2.8
80
TPA2026D2
Class D
AGC/DRC
3.2
80
6 Pin Configuration and Functions
YZH Package
16-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
INR–
I
Right channel negative audio input
A2
INR+
I
Right channel positive audio input
A3
INL+
I
Left channel positive audio input
A4
INL–
I
Left channel negative audio input
B1
AVDD
P
Analog supply (must be the same as PVDDR and PVDDL)
B2
SCL
I
I2C clock interface
B3
SDA
I/O
I2C data interface
B4
AGND
P
Analog ground (all GND pins need to be connected)
C1
PVDDR
P
Right channel power supply (must be the same as AVDD and PVDDL)
C2
SDZ
I
Shutdown terminal (active low)
C3
PGND
P
Power ground (all GND pins need to be connected)
C4
PVDDL
P
Left channel power supply (must be the same as AVDD and PVDDR)
D1
OUTR+
O
Right channel positive differential output
D2
OUTR–
O
Right channel negative differential output
D3
OUTL–
O
Left channel negative differential output
D4
OUTL+
O
Left channel positive differential output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com