Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 29Page - Texas Instruments TPA2012D2 Datasheet HTML 30Page - Texas Instruments TPA2012D2 Datasheet HTML 31Page - Texas Instruments TPA2012D2 Datasheet HTML 32Page - Texas Instruments TPA2012D2 Datasheet HTML 33Page - Texas Instruments TPA2012D2 Datasheet HTML 34Page - Texas Instruments TPA2012D2 Datasheet HTML 35Page - Texas Instruments TPA2012D2 Datasheet HTML 36Page - Texas Instruments TPA2012D2 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33
TPA2026D2
www.ti.com
SLOS649B – MARCH 2010 – REVISED MAY 2016
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
11 Power Supply Recommendations
The TPA2026D2 is designed to operate from an input voltage supply range between 2.5 V and 5.5 V. Therefore
the output voltage range of the power supply should be within this range. The current capability of upper power
must not exceed the maximum current limit of the power switch.
11.1 Power Supply Decoupling Capacitors
The TPA2026D2 requires adequate power supply decoupling to ensure a high efficiency operation with low total
harmonic distortion (THD). Place a low equivalent-series-resistance (ESR) ceramic capacitor, typically 0.1 µF,
within 2 mm of the VDD/VCCOUT pin. This choice of capacitor and placement helps with higher frequency
transients, spikes, or digital hash on the line. In addition to the 0.1-
μF ceramic capacitor, is recommended to
place a 2.2-µF to 10-µF capacitor on the VDD supply trace. This larger capacitor acts as a charge reservoir,
providing energy faster than the board supply, thus helping to prevent any droop in the supply voltage.
12 Layout
12.1 Layout Guidelines
12.1.1 Pad Size
In making the pad size for the WCSP balls, TI recommends that the layout use non solder mask-defined (NSMD)
land. With this method, the solder mask opening is made larger than the desired land area, and the opening size
is defined by the copper pad width. Figure 51 and Table 16 show the appropriate diameters for a WCSP layout.
The TPA2026D2 evaluation module (EVM) layout is shown in Layout Example.
Figure 51. Land Pattern Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com