Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 40 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 35Page - Texas Instruments TPA2012D2 Datasheet HTML 36Page - Texas Instruments TPA2012D2 Datasheet HTML 37Page - Texas Instruments TPA2012D2 Datasheet HTML 38Page - Texas Instruments TPA2012D2 Datasheet HTML 39Page - Texas Instruments TPA2012D2 Datasheet HTML 40Page - Texas Instruments TPA2012D2 Datasheet HTML 41Page - Texas Instruments TPA2012D2 Datasheet HTML 42Page - Texas Instruments TPA2012D2 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.35
0.15
1.5
TYP
1.5 TYP
0.5
TYP
0.5 TYP
16X
0.35
0.25
B
E
A
D
4226617/A 03/2021
DSBGA - 0.625 mm max height
YZH0016
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
0.08 C
A
1
2
3
0.015
C A B
4
SYMM
SYMM
B
C
D
SCALE 7.500
D: Max =
E: Max =
2.164 mm, Min =
2.142 mm, Min =
2.104 mm
2.082 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com