Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SCL
SDA
t
h2
t
(buf)
t
su2
t
su3
StartCondition
StopCondition
SCL
SDA
tw(H)
tw(L)
tsu1
th1
6
TPA2026D2
SLOS649B – MARCH 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.8 Operating Characteristics
at TA = 25°C, VDD = 3.6V, SDZ = 1.3 V, RL = 8 Ω +33 μH, and AV = 6 dB (unless otherwise noted).
MIN
TYP
MAX
UNIT
kSVR
Power-supply ripple rejection ratio
VDD = 3.6 Vdc with AC of 200 mVPP at 217 Hz
–68
dB
THD+N
Total harmonic distortion + noise
faud_in = 1 kHz, PO = 550 mW, VDD = 3.6 V
0.1%
faud_in = 1 kHz, PO = 1 W, VDD = 5 V
0.1%
faud_in = 1 kHz, PO = 630 mW, VDD = 3.6 V
1%
faud_in = 1 kHz, PO = 1.4 W, VDD = 5 V
1%
NfonF
Output integrated noise
Av = 6 dB
44
μV
NfoA
Output integrated noise
Av = 6 dB floor, A-weighted
33
μV
FR
Frequency response
Av = 6 dB
20
20000
Hz
Pomax
Maximum output power
THD+N = 10%, VDD = 5 V, RL = 8 Ω
1.72
W
THD+N = 10%, VDD = 3.6 V, RL = 8 Ω
750
mW
THD+N = 1%, VDD = 5 V, RL = 8 Ω
1.4
W
THD+N = 1% , VDD = 3.6 V, RL = 8 Ω
630
mW
η
Efficiency
THD+N = 1%, VDD = 3.6 V, RL = 8 Ω, PO= 0.63 W
90%
THD+N = 1%, VDD = 5 V, RL = 8 Ω, PO = 1.4 W
90%
Figure 1. SCL and SDA Timing
Figure 2. Start and Stop Conditions Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com