Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 28Page - Texas Instruments TPA2012D2 Datasheet HTML 29Page - Texas Instruments TPA2012D2 Datasheet HTML 30Page - Texas Instruments TPA2012D2 Datasheet HTML 31Page - Texas Instruments TPA2012D2 Datasheet HTML 32Page - Texas Instruments TPA2012D2 Datasheet HTML 33Page - Texas Instruments TPA2012D2 Datasheet HTML 34Page - Texas Instruments TPA2012D2 Datasheet HTML 35Page - Texas Instruments TPA2012D2 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
AVDD
PVDDL
PVDDR
INL-
INL+
INR-
INR+
SCL
SDA
SDZ
AGND
PGND
OUTL+
OUTL-
OUTR+
OUTR-
Analog
Baseband or
CODEC
Digital
Baseband
I
2C Clock
I
2C Data
Master Shutdown
TPA2026D2
To power supply
10uF
CI
Copyright © 2016, Texas Instruments Incorporated
32
TPA2026D2
SLOS649B – MARCH 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
10.2.1.3 Application Curves
For application curves, see the figures listed in Table 15.
Table 15. Table of Graphs
DESCRIPTION
FIGURE NUMBER
Output Level vs Input Level
Figure 6
THD+N vs Frequency
Figure 11
Total Power Dissipation vs Total Output Power
Figure 22
Output Power vs Supply Voltage
Figure 26
10.2.2 TPA2026D2 With Single-Ended Input Signal
Figure 50. Typical Application Schematic With Single-Ended Input Signal
10.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 13.
10.2.2.2 Detailed Design Procedure
For the design procedure see Detailed Design Procedure from the previous section
10.2.2.3 Application Curves
For application curves, see the figures listed in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com