Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 10Page - Texas Instruments TPS22932BYFPR Datasheet HTML 11Page - Texas Instruments TPS22932BYFPR Datasheet HTML 12Page - Texas Instruments TPS22932BYFPR Datasheet HTML 13Page - Texas Instruments TPS22932BYFPR Datasheet HTML 14Page - Texas Instruments TPS22932BYFPR Datasheet HTML 15Page - Texas Instruments TPS22932BYFPR Datasheet HTML 16Page - Texas Instruments TPS22932BYFPR Datasheet HTML 17Page - Texas Instruments TPS22932BYFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ON1
ON2
ON3
Y
VOUT
GND
Turn-On Slew Rate
Controlled Driver
Output Discharge
ESD Protection
VIN
Control
Logic
Configurable
Logic
C1
C2
B2
A2
B1
A1
TPS22932B
SLVS802C – AUGUST 2009 – REVISED MAY 2015
www.ti.com
9 Detailed Description
9.1 Overview
TPS22932B is a single-channel, low rON load switch with controlled turnon. The device contains a low rON P-
channel MOSFET that can operate over an input voltage range of 1.1 V to 3.6 V. The switch is controlled by
eight patterns of 3-bit input. The user can choose the logic functions MUX, AND, OR, NAND, NOR, inverter, and
noninverter. All inputs can be connected to VIN or GND. The control pins can be connected to low-voltage
GPIOs allowing it to be controlled by either 1.2-V, 1.8-V, 2.5-V, or 3.3-V logic signals while keeping extremely
low quiescent current. A 120-
Ω on-chip load resistor is available for output quick discharge when the switch is
turned off. The rise time (slew rate) of the device is internally controlled to avoid inrush current.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Configurable Logic Function
The switch is controlled by eight patterns of 3-bit input. The user can choose the logic functions MUX, AND, OR,
NAND, NOR, inverter, and noninverter. All inputs can be connected to VIN or GND. The control pins can be
connected to low-voltage GPIOs allowing it to be controlled by either 1.2-V, 1.8-V, 2.5-V, or 3.3-V logic signals
while keeping extremely low quiescent current.
9.3.2 Quick Output Discharge
The TPS22932B includes the Quick Output Discharge (QOD) feature. When the switch is disabled, a discharge
resistance with a typical value of 120
Ω is connected between the output and ground. This resistance pulls down
the output and prevents it from floating when the device is disabled.
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS22932B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com