Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 14Page - Texas Instruments TPS22932BYFPR Datasheet HTML 15Page - Texas Instruments TPS22932BYFPR Datasheet HTML 16Page - Texas Instruments TPS22932BYFPR Datasheet HTML 17Page - Texas Instruments TPS22932BYFPR Datasheet HTML 18Page - Texas Instruments TPS22932BYFPR Datasheet HTML 19Page - Texas Instruments TPS22932BYFPR Datasheet HTML 20Page - Texas Instruments TPS22932BYFPR Datasheet HTML 21Page - Texas Instruments TPS22932BYFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
dv
31.9 V /ms
dt
=
dv
150 mA
4.7
F
dt
=
m
´
dv
Output slew rate
dt
=
dv
Inrush Current
C
dt
=
´
TPS22932B
SLVS802C – AUGUST 2009 – REVISED MAY 2015
www.ti.com
10.2.2 Detailed Design Procedure
10.2.2.1 VIN to VOUT Voltage Drop
The VIN to VOUT voltage drop in the device is determined by the rON of the device and the load current. The rON
of the device depends upon the VIN condition of the device. Refer to the rON specification of the device in the
Electrical Characteristics table of this data sheet. When the rON of the device is determined based upon the VIN
conditions, use Equation 1 to calculate the VIN to VOUT voltage drop:
ΔV = ILOAD × rON
where
•
ΔV = Voltage drop from VIN to VOUT
•
ILOAD = Load current
•
rON = ON-resistance of the device for a specific VIN
•
An appropriate ILOAD must be chosen such that the IMAX specification of the device is not violated.
(1)
10.2.2.2 Managing Inrush Current
When the switch is enabled, the output capacitors must be charged up from 0-V to VIN. This charge arrives in the
form of inrush current. Inrush current can be calculated using the following equation:
where
•
C = Output capacitance
•
(2)
The TPS22932B offers a very slow controlled rise time for minimizing inrush current. This device can be selected
based upon the maximum acceptable slew rate which can be calculated using the design requirements and the
inrush current equation. An output capacitance of 4.7
μF will be used because the amount of inrush increases
with output capacitance:
(3)
(4)
To ensure an inrush current of less than 150 mA, a device with a slew rate less than 31.9 V/ms must be used.
The TPS22932B has a typical rise time of 145
μs at 3.3 V. This results in a slew rate of 22.8 V/ms which meets
the requirement.
18
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS22932B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com