Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 15Page - Texas Instruments TPS22932BYFPR Datasheet HTML 16Page - Texas Instruments TPS22932BYFPR Datasheet HTML 17Page - Texas Instruments TPS22932BYFPR Datasheet HTML 18Page - Texas Instruments TPS22932BYFPR Datasheet HTML 19Page - Texas Instruments TPS22932BYFPR Datasheet HTML 20Page - Texas Instruments TPS22932BYFPR Datasheet HTML 21Page - Texas Instruments TPS22932BYFPR Datasheet HTML 22Page - Texas Instruments TPS22932BYFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TPS22932B
www.ti.com
SLVS802C – AUGUST 2009 – REVISED MAY 2015
10.2.3 Application Curve
Figure 40. TPS22932B Inrush Current With 4.7-µF Output Capacitor
11 Power Supply Recommendations
The device is designed to operate with a VIN range of 1.1 V to 3.6 V. This supply must be well regulated and
placed as close to the device terminal as possible with the recommended 1-
μF bypass capacitor. If the supply is
located more than a few inches from the device terminals, additional bulk capacitance may be required in
addition to the ceramic bypass capacitors. If additional bulk capacitance is required, an electrolytic, tantalum, or
ceramic capacitor of 10
μF may be sufficient.
12 Layout
12.1 Layout Guidelines
For best performance, all traces should be as short as possible. To be most effective, the input and output
capacitors should be placed close to the device to minimize the effects that parasitic trace inductances may have
on normal and short-circuit operation. Using wide traces for VIN, VOUT, and GND will help minimize the parasitic
electrical effects along with minimizing the case to ambient thermal impedance.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS22932B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com