Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 5Page - Texas Instruments TPS22932BYFPR Datasheet HTML 6Page - Texas Instruments TPS22932BYFPR Datasheet HTML 7Page - Texas Instruments TPS22932BYFPR Datasheet HTML 8Page - Texas Instruments TPS22932BYFPR Datasheet HTML 9Page - Texas Instruments TPS22932BYFPR Datasheet HTML 10Page - Texas Instruments TPS22932BYFPR Datasheet HTML 11Page - Texas Instruments TPS22932BYFPR Datasheet HTML 12Page - Texas Instruments TPS22932BYFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Temperature (°C)
0
200
20
40
60
80
100
120
140
160
180
tOFF
tON
Temperature (°C)
0
20
40
60
80
100
120
160
140
trise
tfall
–40
25
85
Temperature (°C)
0
50
100
150
200
250
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Voltage, V
(V)
ON
VIN = 1.1 V
VIN = 1.2 V
VIN = 1.5 V
VIN = 1.8 V
VIN = 2.5 V
V
= 3 V
IN
V
= 3.3 V
IN
V
= 3.6 V
IN
–40
25
85
Temperature (°C)
0
50
100
150
200
250
0
10
20
30
40
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Input Voltage, V
(V)
IN
TPS22932B
www.ti.com
SLVS802C – AUGUST 2009 – REVISED MAY 2015
Typical Characteristics (continued)
VIN = 3.3 V, ON1–ON2–ON3 = 0 V
ON1–ON2–ON3 = 0 V, Vout = 0
Figure 7. IIN(OFF) vs Temperature
Figure 8. IIN(Leakage) vs VIN
VIN = 3.3 V, ON1–ON2–ON3 = 0 V
Figure 10. ON-Input Threshold
Figure 9. IIN(Leakage) vs Temperature
CL = 0.1 µF, RL = 500 Ω, VIN = 3.3 V
CL = 0.1 µF, RL = 500 Ω, VIN = 3.3 V
Figure 11. tON/tOFF vs Temperature
Figure 12. trise/tfall vs Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22932B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com