Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 8Page - Texas Instruments TPS22932BYFPR Datasheet HTML 9Page - Texas Instruments TPS22932BYFPR Datasheet HTML 10Page - Texas Instruments TPS22932BYFPR Datasheet HTML 11Page - Texas Instruments TPS22932BYFPR Datasheet HTML 12Page - Texas Instruments TPS22932BYFPR Datasheet HTML 13Page - Texas Instruments TPS22932BYFPR Datasheet HTML 14Page - Texas Instruments TPS22932BYFPR Datasheet HTML 15Page - Texas Instruments TPS22932BYFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
0.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
20
–40
–20
–60
–80
–100
–120
–150
40
60
80
100
120
140
160
200
180
220
250
–50
0
50 100 150 200 250 300 350 400 450
Time ( s)
µ
VON
IOUT
0.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–200 0
200 400 600 800 1.0 1.2 1.4 1.6 1.8
Time (µs)
VON
IOUT
0.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
20
–40
–20
–60
–80
–100
–120
–150
40
60
80
100
120
140
160
200
180
220
250
–10
0
10
20
30
40
50
60
70
80
90
Time ( s)
µ
VON
IOUT
0.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–10
0
10
20
30
40
50
60
70
80
90
Time (µs)
VON
IOUT
TPS22932B
SLVS802C – AUGUST 2009 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
CL = 0.1 µF, RL = 500 Ω, VIN = 1.2 V
CL = 0.1 µF, RL = 11 Ω, VIN = 1.2 V
Figure 25. tOFF Response
Figure 26. tOFF Response
CL = 3 µF, RL = 500 Ω, VIN = 1.2 V
CL = 3 µF, RL = 11 Ω, VIN = 1.2 V
Figure 27. tOFF Response
Figure 28. tOFF Response
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS22932B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com