Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 20Page - Texas Instruments TPS22932BYFPR Datasheet HTML 21Page - Texas Instruments TPS22932BYFPR Datasheet HTML 22Page - Texas Instruments TPS22932BYFPR Datasheet HTML 23Page - Texas Instruments TPS22932BYFPR Datasheet HTML 24Page - Texas Instruments TPS22932BYFPR Datasheet HTML 25Page - Texas Instruments TPS22932BYFPR Datasheet HTML 26Page - Texas Instruments TPS22932BYFPR Datasheet HTML 27Page - Texas Instruments TPS22932BYFPR Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.13
0.8
TYP
0.4
TYP
0.4 TYP
6X
0.25
0.21
B
E
A
D
4223410/A 11/2016
DSBGA - 0.5 mm max height
YFP0006
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
C
2
0.015
C A B
SYMM
SYMM
1
SCALE 10.000
D: Max =
E: Max =
1.19 mm, Min =
0.79 mm, Min =
1.13 mm
0.73 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com