Electronic Components Datasheet Search
  English  ▼

X  

TPS22932BYFPR Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS22932BYFPR
Description  TPS22932B Low Input Voltage, Ultralow rON Load Switch With Configurable Enable Logic and Controlled Slew-Rate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 13Page - Texas Instruments TPS22932BYFPR Datasheet HTML 14Page - Texas Instruments TPS22932BYFPR Datasheet HTML 15Page - Texas Instruments TPS22932BYFPR Datasheet HTML 16Page - Texas Instruments TPS22932BYFPR Datasheet HTML 17Page - Texas Instruments TPS22932BYFPR Datasheet HTML 18Page - Texas Instruments TPS22932BYFPR Datasheet HTML 19Page - Texas Instruments TPS22932BYFPR Datasheet HTML 20Page - Texas Instruments TPS22932BYFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
C
= 1
F
IN
µ
GND
GND
LOAD
GND
V
OUT
V
IN
V
BATT
R
L
C
L
C
L
SMPS
(see Note A)
TPS22932B
ON1
ON2
ON3
TPS22932B
www.ti.com
SLVS802C – AUGUST 2009 – REVISED MAY 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 ON and OFF Control
The ON pin controls the state of the switch. Activating ON continuously holds the switch in the on state so long
as there is no fault. ON is active HI and has a low threshold making it capable of interfacing with low voltage
signals. The ON pin is compatible with standard GPIO logic threshold. It can be used with any microcontroller
with 1.2-V, 1.8-V, 2.5-V, or 3.3-V GPIOs.
10.1.2 Input Capacitor
To limit the voltage drop on the input supply caused by transient in-rush currents when the switch turns on into a
discharged load capacitor or short-circuit, a capacitor must be placed between VIN and GND . A 1-μF ceramic
capacitor, CIN, placed close to the pins is usually sufficient. Higher values of CIN can be used to further reduce
the voltage drop during higher current application. When switching a heavy load, TI recommends to have an
input capacitor about 10 or more times higher than the output capacitor to avoid any supply drop.
10.1.3 Output Capacitor
Due to the integral body diode in the PMOS switch, a CIN greater than CL is highly recommended. A CL greater
than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current flow
through the body diode from VOUT to VIN.
10.2 Typical Application
A.
Switched-mode power supply
Figure 39. Typical Application
10.2.1 Design Requirements
For this example, follow the design parameters listed in Table 3.
Table 3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
VIN
3.3 V
CL
4.7 µF
Maximum Acceptable Inrush Current
150 mA
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS22932B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com