Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS40021
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 17Page - Texas Instruments TPS40021 Datasheet HTML 18Page - Texas Instruments TPS40021 Datasheet HTML 19Page - Texas Instruments TPS40021 Datasheet HTML 20Page - Texas Instruments TPS40021 Datasheet HTML 21Page - Texas Instruments TPS40021 Datasheet HTML 22Page - Texas Instruments TPS40021 Datasheet HTML 23Page - Texas Instruments TPS40021 Datasheet HTML 24Page - Texas Instruments TPS40021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TPS40020
TPS40021
SLUS535D − MARCH 2003 − REVISED JULY 2007
www.ti.com
21
TYPICAL CHARACTERISTICS
t − Time − 1 ms/div
Figure 21. Start−Up Operation Without
Transient Comparators
VDD = 3.3 V
VOUT = 1.5 V
fSW = 300 kHz
ILOAD = 5 A
PWRGD
SS/SD
VOUT
t − Time − 25
µs/div
PVDD
VOUT
SW
Figure 22. PVDD Hysteresis
VDD = 3.3 V
VOUT = 1.5 V
fSW = 300 kHz
ILOAD = 5 A
t − Time − 1 ms/div
Figure 23. Start−Up Operation With
Transient Comparators
VDD = 3.3 V
VOUT = 1.5 V
fSW = 300 kHz
ILOAD = 5 A
PWRGD
VOUT
SS/SD
t − Time − 200
µs/div
SD
COMP
SW
Figure 24. COMP Shutdown Operation
VDD = 3.3 V
VOUT = 1.5 V
fSW = 300 kHz
ILOAD = 5 A
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com