Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS40021
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 31Page - Texas Instruments TPS40021 Datasheet HTML 32Page - Texas Instruments TPS40021 Datasheet HTML 33Page - Texas Instruments TPS40021 Datasheet HTML 34Page - Texas Instruments TPS40021 Datasheet HTML 35Page - Texas Instruments TPS40021 Datasheet HTML 36Page - Texas Instruments TPS40021 Datasheet HTML 37Page - Texas Instruments TPS40021 Datasheet HTML 38Page - Texas Instruments TPS40021 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
14X 0.65
16X
0.30
0.19
2X
4.55
(0.15) TYP
0 - 8
0.15
0.05
3.3
2.7
3.3
2.7
2X 1.34 MAX
NOTE 5
1.2 MAX
(1)
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
5.1
4.9
B
4.5
4.3
4X 0.166 MAX
NOTE 5
4214868/A 02/2017
PowerPAD
HTSSOP - 1.2 mm max height
PWP0016A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
16
0.1
C A B
9
8
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
THERMAL
PAD
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com