Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS40021
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments TPS40021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TPS40020
TPS40021
SLUS535D − MARCH 2003 − REVISED JULY 2007
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
TJ = −40°C to 85°C, TJ = TA, VDD = 5.0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYNCHRONIZATION
VENSY Synchronization enable low threshold voltage
0.7
VBLNK
Synchronization current limit enable threshold
voltage
Referenced to VDD
−0.7
V
tMIN
Minimum synchronization input pulse width
35
50
ns
PREDICTIVE DELAY
VSWP
Sense voltage to modulate delay
−200
mV
tLDHD
Maximum delay modulation
LDRV OFF-to-HDRV ON
40
65
90
tLDHD
Counter delay/bit time
LDRV OFF-to-HDRV ON
2.5
4.5
6.2
ns
tHDLD
Maximum delay modulation
HDRV OFF-to-LDRV ON
55
80
105
ns
tHDLD
Counter delay/bit time
HDRV OFF-to-LDRV ON
2.2
5.0
6.5
RECTIFIER ZERO CURRENT COMPARATOR
VSW
Sense voltage to turn off
rectifier MOSFET
TPS40020
LDRV output = OFF
−5
−2.5
2
mV
tZBLNK Zero current blanking time(1)
150
ns
(1) Ensured by design. Not production tested.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT1
16
I
This pin provides a bootstrapped supply for the high side FET driver, enabling the gate of the high side FET to be
driven above the input supply rail. Connect a capacitor from this pin to the SW pin.
BOOT2
13
I
This pin provides a secondary bootstrapping necessary for generation of PVDD. Connect a capacitor from this
pin to SW.
COMP
5
O
Output of the error amplifier. Refer to Electrical Characteristics table for loading constraints.
FB
4
I
Inverting input of the error amplifier. In normal operation, VFB is equal to the internal reference level of 690 mV.
HDRV
15
O
The gate drive output for the high side N-channel MOSFET switch is bootstrapped to near PVDD for good
enhancement of the high-side switch. The HDRV switches from BOOT1 to SW.
ILIM/SYNC
1
I
The current limit pin is used to set the current limit threshold. A current sink from this pin to GND sets the threshold
voltage for output short circuit current across a resistor connected to VDD. Synchronization is accomplished by
pulling IMAX to less than 1 V for a period greater than the minimum pulse width and then releasing. An open
collector or drain device should be used. These pulses must be of higher frequency than the free running frequency
of the local oscillator.
LDRV
11
O
Gate drive output for the low-side synchronous rectifier N-channel MOSFET. LDRV switches from PVDD to
PGND.
OSNS
3
O
The output sense pin is connected to a resistor divider from VOUT to GND (identical to the main feedback loop)
and is used to sense power good condition and provides reference for the transient comparators.
PGND
10
O
Power (high-current) ground used by LDRV.
PWRGD
9
−
Power good. This is an open-drain output which connects to the supply via an external resistor.
PVDD
12
O
This pin is the regulated output of the charge-pump and provides the supply voltage for the LDRV driver stage.
PVDD also drives the bootstrap circuit which generates the voltage on BOOT1.
RT
7
I
External pin for programming the oscillator frequency. Connnected a resistor between this pin and GND.
SGND
8
−
Signal ground
SS/SD
6
I
The soft-start/shutdown pin provides user programmable soft-start timing and shutdown capability for the
controller.
SW
14
I
This pin, used for overcurrent, zero-current, and in the anti-cross conduction sensing is connected to the switched
node on the converter. Output short circuit is detected by sensing the voltage at this pin with respect to VDD while
the high-side switch is on. Zero current is detected by sensing the pin voltage with respect to ground when the
low-side rectifier MOSFET is on.
VDD
2
I
Power input for the device. Maximum voltage is 5.5 V. De-coupling of this pin is required.
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com