Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40021
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments TPS40021 Datasheet HTML 10Page - Texas Instruments TPS40021 Datasheet HTML 11Page - Texas Instruments TPS40021 Datasheet HTML 12Page - Texas Instruments TPS40021 Datasheet HTML 13Page - Texas Instruments TPS40021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TPS40020
TPS40021
SLUS535D − MARCH 2003 − REVISED JULY 2007
www.ti.com
10
APPLICATION INFORMATION
Synchronous Rectification and Predictive Gate Delay
In a normal buck converter, when the high−side switch turns off, current is flowing in the inductor. Since this
current cannot be stopped immediately a rectifier or catch device is used to give this current a path to flow and
maintain voltage levels at a safe level. This device can be a simple diode or it can be an actively−controlled
transistor if a control signal is available to drive it. The TPS4002X provides a signal to drive an N−channel
MOSFET as a synchronous rectifier. This control signal is carefully coordinated with the drive signal for the
main switch so that there is absolute minimum dead−time between the turn off of one FET and the turn on of
the other. This TI−patented function, predictive gate delay, uses information from the current switching cycle
to adjust the delays for the next cycle virtually eliminating diode conduction while preventing cross−conduction
or shoot through. Figure 2 shows the switch−node voltage waveform for a synchronously rectified buck
converter during the synchronous rectification period. Illustrated are the relative effects of a fixed delay drive
scheme (constant, pre−set delays for the turn−off to turn−on intervals), an adaptive delay drive scheme
(variable delays based on voltages sensed on the current switching cycle) and TI’s predictive delay drive
scheme. Since the diode voltage drop is greater than the conduction drop of the FET, the longer time spent
in diode conduction, the more power dissipated in the rectifier and the lower the efficiency. Also, not shown
in the figure, is the fact that the predictive delay circuit can actually prevent the body diode from becoming
forward biased at all, avoiding reverse recovery and its associated losses. This results in a significant power
savings when the main FET turns on.
The predictive gate drive architecture on the TPS40020/21 requires a minimum pulse width of greater than
150 ns for proper operation. At pulse widths below 150 ns, the low−side FET turn−on could overlap the high−side
FET turn−off leading to cross conduction in the power stage.
UDG−01144
GND
Fixed Delay
Adaptive Delay
Predictive Delay
Channel Conduction
Body Diode Conduction
Figure 2. Switch Node Waveforms for Synchronous Buck Converter
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com