Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS40021
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40021 Datasheet HTML 1Page - Texas Instruments TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS40020
TPS40021
SLUS535D − MARCH 2003 − REVISED JULY 2007
ENHANCED, LOW INPUT VOLTAGEMODE
SYNCHRONOUS BUCK CONTROLLER
8
FEATURES
D Operating Input Voltage 2.25 V to 5.5 V
D Output Voltage as Low as 0.7 V
D 1% Internal 0.7 V Reference
D Predictive Gate Drive N-Channel MOSFET
Drivers for Higher Efficiency
D Externally Adjustable Soft-Start and Short
Circuit Current Limit
D Programmable Fixed-Frequency
100 KHz-to-1 MHz Voltage-Mode Control
D Source-Only Current or Source/Sink Current
D Quick Response Output Transient
Comparators with Power Good Indication
Provide Output Status
D 16-Pin PowerPAD Package
APPLICATIONS
D Networking Equipment
D Telecom Equipment
D Base Stations
D Servers
D DSP Power
DESCRIPTION
The TPS4002x family of dc-to-dc controllers are designed
for non-isolated synchronous buck regulators, providing
enhanced operation and design flexability through user
programmability.
The TPS4002x utilizes a proprietary Predictive Gate
Drive
 technology to minimize the diode conduction
losses associated with the high-side and synchronous
rectifier N-channel MOSFET transistions. The integrated
charge pump with boost circuit provides a regulated 5-V
gate drive for both the high side and synchronous rectifier
N-channel MOSFETs. The use of the Predictive Gate
Drive
 technology and charge pump/boost circuits
combine to provide a highly efficient, smaller and less
expensive converter.
Design flexibility is provided through user programmability
of such functions as: operating frequency, short circuit
current detection thresholds, soft-start ramp time, and
external
synchronization
frequency.
The
operating
frequency is programmable using a single resistor over a
frequency range of 100 kHz to 1 MHz. Higher operating
frequencies yield smaller component values for a given
converter power level as well as faster loop closure.
5
13
12
16
15
1
2
3
ILIM/
SYNC
VDD
OSNS
COMP
HDRV
BOOT2
PVDD
LDRV
VDD 2.25 V − 5.5 V
4
FB
11
BOOT1
TPS40020
6
SS/SD
7RT
8
SGND
VOUT
14
SW
PGND
10
PWRGD 9
VDD
VOUT
UDG−02094
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD
 and Predictive Gate Drive are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
Not Recommended for New Designs


Similar Part No. - TPS40021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40021 TI-TPS40021 Datasheet
411Kb / 32P
ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021 TI1-TPS40021 Datasheet
1Mb / 39P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021 TI2-TPS40021 Datasheet
926Kb / 38P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
SEPTEMBER 2012
TPS40021 TI2-TPS40021 Datasheet
886Kb / 39P
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
REVISED DECEMBER 2007
TPS40021-EP TI1-TPS40021-EP Datasheet
1Mb / 33P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
logo
Texas Instruments
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com