Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS40021
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 9Page - Texas Instruments TPS40021 Datasheet HTML 10Page - Texas Instruments TPS40021 Datasheet HTML 11Page - Texas Instruments TPS40021 Datasheet HTML 12Page - Texas Instruments TPS40021 Datasheet HTML 13Page - Texas Instruments TPS40021 Datasheet HTML 14Page - Texas Instruments TPS40021 Datasheet HTML 15Page - Texas Instruments TPS40021 Datasheet HTML 16Page - Texas Instruments TPS40021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TPS40020
TPS40021
SLUS535D − MARCH 2003 − REVISED JULY 2007
www.ti.com
13
APPLICATION INFORMATION
Setting the Short Circuit Current Limit Threshold
Connecting a resistor from VDD to ILIM sets the current limit. A current sink in the chip causes a voltage drop
across the resistor connected to ILIM. This voltage drop is the short circuit current threshold for the part. The
current that the ILIM pin sinks is dependent on the value of the resistor connected to RT and is given by:
I
ILIM + 19.0
0.69 V
R
T
The tolerance of the current sink is too loose to do an accurate current limit. The main purpose is for hard fault
protection of the power switches. Given the tolerance of the ILIM sink current, and the RDS(on) range for a
MOSFET, it is generally possible to apply a load that thermally damages the converter. This device is intended
for embedded converters where load characteristics are defined and can be controlled. A small capacitor can
be added between ILIM and VDD for filtering. However, capacitors should not be used if the synchronization
function is to be used.
Soft-Start and Shutdown
The soft−start and shutdown functions are common to the SS/SD pin. The voltage at this pin over−rides the
reference voltage on the error amplifier during startup. This controls the output voltage slew rate and the surge
current required to charge the output capacitor at startup, allowing for a smooth startup with no overshoot of
the output voltage. Initial HDRV pulse widths during Soft−Start are typically very narrow, likely less than 150ns.
As a result, HDRV and LDRV can be on simultaneously, resulting in cross−conduction the MOSFETs of the
power stage. To minimize cross−conduction during soft−start, the soft−start time when the pulse widths are
less than 150ns should be kept to a minimum. A shutdown feature can be implemented by pulling SS/SD to
GND via a transistor as shown in Figure 5.
CSS SS/SD
6
TPS4002x
SHUTDOWN
3.3
µA
Figure 5. Shutdown Implementation
C
SS +
I
SS
V
FB
t
SS (F)
where
D tSS is the start up time in seconds
Switching Frequency
The switching frequency is programmed by a resistor from RT to SGND. Nominal switching frequency can be
calculated by:
R
T (kW) +
37.736
103
f
OSC
(kHz)
* 5.09 (kW)
(1)
(2)
(3)
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com