Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments TPS54331 Datasheet HTML 18Page - Texas Instruments TPS54331 Datasheet HTML 19Page - Texas Instruments TPS54331 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
z
Z
Z
R
F
C
´
´
´
=
1
2
1
p
z
P
P
R
F
C
´
´
´
=
1
2
1
p
-6
6
2
25000
3.3
54
10
8
10
Rz =
= 29.2 k
12
800
0.8
p
´
´
´
´
´
´
´
W
´
´
1
=
= 928 pF
2
6010
29200
Cz
p
´
´
´
1
=
= 51 pF
2
103900
29200
Cp
p
´
´
´
TPS54331-Q1
SLVSAB5 – NOVEMBER 2010
www.ti.com
(26)
(27)
For this design, the two 47-mF output capacitors are used. For ceramic capacitors, the actual output capacitance
is less than the rated value when the capacitors have a dc bias voltage applied. This is the case in a dc/dc
converter. The actual output capacitance may be as low as 54 mF. The combined ESR is approximately .001 Ω.
Using Equation 19 and Equation 20, the output stage gain and phase loss are equivalent as:
Gain = –2.26 dB
and
PL - –83.52 degrees
For 70 degrees of phase margin, Equation 21 requires 63.52 degrees of phase boost.
Equation 22, Equation 23, and Equation 24 are used to find the zero and pole frequencies of:
FZ1 = 5883 Hz
And
FP1 = 106200 Hz
RZ, CZ, and CP are calculated using Equation 25, Equation 26, and Equation 27:
(28)
(29)
(30)
Using standard values for R3, C6, and C7 in the application schematic of Figure 13:
R3 = 29.4 k
Ω
C6 = 1000 pF
C7 = 47 pF
BOOTSTRAP CAPACITOR
Every TPS54331 design requires a bootstrap capacitor, C4. The bootstrap capacitor must be 0.1 mF. The
bootstrap capacitor is located between the PH pins and BOOT pin. The bootstrap capacitor should be a
high-quality ceramic type with X7R or X5R grade dielectric for temperature stability.
CATCH DIODE
The TPS54331 is designed to operate using an external catch diode between PH and GND. The selected diode
must meet the absolute maximum ratings for the application: Reverse voltage must be higher than the maximum
voltage at the PH pin, which is VINMAX + 0.5 V. Peak current must be greater than IOUTMAX plus on half the
peak to peak inductor current. Forward voltage drop should be small for higher efficiencies. It is important to note
that the catch diode conduction time is typically longer than the high-side FET on time, so attention paid to diode
parameters can make a marked improvement in overall efficiency. Additionally, check that the device chosen is
capable of dissipating the power losses. For this design, a Diodes, Inc. B340A is chosen, with a reverse voltage
of 40 V, forward current of 3 A, and a forward voltage drop of 0.5 V.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54331-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com