Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
(
)
OUT(MAX)
IN(MAX)
OUT
MIN
IN(MAX)
IND
OUT
SW
V
V
V
L
=
V
K
I
F
´
-
´
´
´
(
) 2
OUT
IN(MAX)
OUT
2
L(RMS)
OUT(MAX)
IN(MAX)
OUT
SW
V
V
V
1
I
=
I
+
12
V
L
F
0.8
æ
ö
´
-
ç
÷
´
ç
÷
´
´
´
è
ø
(
)
OUT
IN(MAX)
OUT
L(PK)
OUT(MAX)
IN(MAX)
OUT
SW
V
V
V
I
= I
+
1.6
V
L
F
´
-
´
´
´
)
2
/(
1
max
_
min
_
CO
O
O
F
R
C
´
´
´
=
p
ú
û
ù
ê
ë
é
+
´
´
-
=
E S R
O
S W
L P P
O P P
R
C
F
D
I
V
4
)
5
.
0
(
TPS54331-Q1
www.ti.com
SLVSAB5 – NOVEMBER 2010
(8)
KIND is a coefficient that represents the amount of inductor ripple current relative to the maximum output current.
In general, this value is at the discretion of the designer; however, the following guidelines may be used. For
designs using low ESR output capacitors such as ceramics, a value as high as KIND = 0.3 may be used. When
using higher ESR output capacitors, KIND = 0.2 yields better results.
For this design example, use KIND = 0.3 and the minimum inductor value is calculated to be 5.7mH. For this
design, a large value was chosen: 6.8 mH.
For the output filter inductor, it is important that the RMS current and saturation current ratings not be exceeded.
The RMS inductor current can be found from Equation 9
(9)
and the peak inductor current can be determined with Equation 10
(10)
For this design, the RMS inductor current is 3.01 A and the peak inductor current is 3.47 A. The chosen inductor
is a Sumida CDRH103-6R8 6.8 mH. It has a saturation current rating of 3.84 A and an RMS current rating of 3.60
A, meeting these requirements. Smaller or larger inductor values can be used depending on the amount of ripple
current the designer wishes to allow so long as the other design requirements are met. Larger value inductors
will have lower ac current and result in lower output voltage ripple, while smaller inductor values will increase ac
current and output voltage ripple. In general, inductor values for use with the TPS54331 are in the range of
6.8 mH to 47mH.
Capacitor Selection
The important design factors for the output capacitor are dc voltage rating, ripple current rating, and equivalent
series resistance (ESR). The dc voltage and ripple current ratings cannot be exceeded. The ESR is important
because along with the inductor current it determines the amount of output ripple voltage. The actual value of the
output capacitor is not critical, but some practical limits do exist. Consider the relationship between the desired
closed loop crossover frequency of the design and LC corner frequency of the output filter. In general, it is
desirable to keep the closed loop crossover frequency at less than 1/5 of the switching frequency. With high
switching frequencies such as the 570-kHz frequency of this design, internal circuit limitations of the TPS54331
limit the practical maximum crossover frequency to about 25 kHz. In general, the closed loop crossover
frequency should be higher than the corner frequency determined by the load impedance and the output
capacitor. This limits the minimum capacitor value for the output filter to:
(11)
Where RO is the output load impedance (VO/IO) and fCO is the desired crossover frequency. For a desired
maximum crossover of 25 kHz the minimum value for the output capacitor is around 5.8mF. This may not satisfy
the output ripple voltage requirement. The output ripple voltage consists of two components; the voltage change
due to the charge and discharge of the output filter capacitance and the voltage change due to the ripple current
times the ESR of the output filter capacitor. The output ripple voltage can be estimated by:
(12)
Where NC is the number of output capacitors in parallel.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS54331-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com