Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
I -LoadCurrent- A
L
V
=3.3V
O
V =12V
I
V =18V
I
V =24V
I
V =28V
I
V =5V
I
PH
VIN
GND
BOOT
VSENSE
COMP
SS
C
SS
D1
VIN
VOUT
EN
TPS54331
C
I
C
BOOT
L
O
C
O
Ren1
R
O2
C
1
C
2
R
3
Ren2
R
O1
TPS54331-Q1
www.ti.com
SLVSAB5 – NOVEMBER 2010
3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
Check for Samples: TPS54331-Q1
1
FEATURES
APPLICATIONS
•
Consumer Applications such as Set-Top
2
•
Qualified for Automotive Applications
Boxes, CPE Equipment, LCD Displays,
•
3.5V to 28V Input Voltage Range
Peripherals, and Battery Chargers
•
Adjustable Output Voltage Down to 0.8V
•
Industrial and Car Audio Power Supplies
•
Integrated 80 m
Ω High Side MOSFET Supports
•
5-V, 12-V and 24-V Distributed Power Systems
up to 3A Continuous Output Current
•
High Efficiency at Light Loads with Pulse
DESCRIPTION
Skipping Eco-mode™ Control
The TPS54331 is a 28-V, 3-A non-synchronous buck
•
Fixed 570kHz Switching Frequency
converter that integrates a low RDS(on) high side
•
Typical 1mA Shutdown Quiescent Current
MOSFET. To increase efficiency at light loads, a
pulse skipping Eco-mode™ feature is automatically
•
Adjustable Slow Start Limits Inrush Currents
activated. Furthermore, the 1 mA shutdown supply
•
Programmable UVLO Threshold
current allows the device to be used in battery
•
Overvoltage Transient Protection
powered applications. Current mode control with
internal slope compensation simplifies the external
•
Cycle-by-Cycle Current Limit, Frequency Fold
compensation calculations and reduces component
Back and Thermal Shutdown Protection
count while allowing the use of ceramic output
•
Available in Easy-to-Use SOIC8 Package
capacitors. A resistor divider programs the hysteresis
•
Supported by SwitcherPro™ Software Tool
of the input under-voltage lockout. An overvoltage
(http://focus.ti.com/docs/toolsw/folders/print/s
transient protection circuit limits voltage overshoots
during startup and transient conditions. A cycle by
witcherpro.html)
cycle current limit scheme, frequency fold back and
•
For SWIFT™ Documentation, See the TI
thermal shutdown protect the device and the load in
Website at www.ti.com/swift
the event of an overload condition. The TPS54331 is
available in an 8-pin SOIC package that has been
internally optimized to improve thermal performance.
SIMPLIFIED SCHEMATIC
EFFICIENCY
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, Eco-mode, SwitcherPro, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331 TI-TPS54331 Datasheet
879Kb / 24P
3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54331 TI1-TPS54331 Datasheet
1Mb / 46P
3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54331 TI1-TPS54331 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
More results

Similar Description - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54331 TI1-TPS54331_16 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com