Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
0
1
2
3
4
3
8
13
18
23
28
V -InputVoltage-V
I
EN=0V
T =150°C
J
T =25°C
J
T =-40°C
J
550
555
560
565
570
575
580
585
590
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
0.7760
0.7820
0.7880
0.7940
0.8000
0.8060
0.8120
0.8180
0.8240
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
5.50
5.75
6
6.25
6.50
6.75
7
7.25
7.50
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
3
4
5
6
3
8
13
18
23
28
V -InputVoltage-V
I
T =150°C
J
T =25°C
J
T =-40°C
J
1.90
2
2.10
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
TPS54331-Q1
SLVSAB5 – NOVEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
CHARACTERIZATION CURVES
ON RESISTANCE
SHUTDOWN QUIESCENT CURRENT
SWITCHING FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
MINIMUM CONTROLLABLE ON
MINIMUM CONTROLLABLE DUTY
VOLTAGE REFERENCE
TIME
RATIO
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
SS CHARGE CURRENT
CURRENT LIMIT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54331-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com