Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS54331-Q1
www.ti.com
SLVSAB5 – NOVEMBER 2010
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
THERMAL IMPEDANCE
PSEUDO THERMAL IMPEDANCE
PACKAGE
JUNCTION TO AMBIENT
JUNCTION TO TOP
SOIC8
100°C/W
5°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
150°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test board conditions:
(a) 2 inches x 1.5 inches, 2 layers, thickness: 0.062 inch
(b) 2-ounce copper traces located on the top and bottom of the PCB
(c) 6 thermal vias located under the device package
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Operating input voltage on (VIN pin)
3.5
28
V
Ambient temperature, TA
–40
125
°C
Operating junction temperature, TJ
–40
150
°C
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 3.5V to 28V (unless otherwise noted)
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Internal undervoltage lockout threshold
Rising and Falling
3.5
V
Shutdown supply current
EN = 0V, VIN = 12V, –40°C to 85°C
1
4
mA
Operating – non switching supply current
VSENSE = 0.85 V
110
190
mA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising and Falling
1.25
1.35
V
Input current
Enable threshold – 50 mV
-1
mA
Input current
Enable threshold + 50 mV
-4
mA
VOLTAGE REFERENCE
Voltage reference
0.772
0.8
0.828
V
HIGH-SIDE MOSFET
BOOT-PH = 3 V, VIN = 3.5 V
115
200
m
Ω
On resistance
BOOT-PH = 6 V, VIN = 12 V
80
150
ERROR AMPLIFIER
Error amplifier transconductance (gm)
–2 mA < ICOMP < 2 mA, V(COMP) = 1 V
92
mmhos
Error amplifier DC gain(1)
VSENSE = 0.8 V
800
V/V
Error amplifier unity gain bandwidth(1)
5 pF capacitance from COMP to GND pins
2.7
MHz
Error amplifier source/sink current
V(COMP) = 1 V, 100 mV overdrive
±7
mA
Switch current to COMP transconductance
VIN = 12 V
12
A/V
SWITCHING FREQUENCY
Switching Frequency
VIN = 12V, 25°C
456
570
684
kHz
Minimum controllable on time
VIN = 12V, 25°C
105
130
ns
Maximum controllable duty ratio(1)
BOOT-PH = 6 V
90%
93%
(1)
Specified by design
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54331-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com