Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS54331-Q1
SLVSAB5 – NOVEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
For additional design needs, see:
TPS54231
TPS54232
TPS54233
TPS54331
TPS54332
IO(Max)
2A
2A
2A
3A
3.5A
Input Voltage Range
3.5V - 28V
3.5V - 28V
3.5V - 28V
3.5V - 28V
3.5V - 28V
Switching Freq. (Typ)
570kHz
1000kHz
285kHz
570kHz
1000kHz
Switch Current Limit (Min)
2.3A
2.3A
2.3A
3.5A
4.2A
Pin/Package
8SOIC
8SOIC
8SOIC
8SOIC
8SO PowerPAD™
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 150°C
SOIC – D
Reel of 2500
TPS54331QDRQ1
54331Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 30
EN
–0.3 to 6
BOOT
38
Input voltage
V
VSENSE
–0.3 to 3
COMP
–0.3 to 3
SS
–0.3 to 3
BOOT-PH
8
Output voltage
PH
–0.6 to 30
V
PH (10 ns transient from ground to negative peak)
–5
EN
100
mA
BOOT
100
mA
Source current
VSENSE
10
mA
PH
9
A
VIN
9
A
Sink current
COMP
100
mA
SS
200
Operating junction temperature
–40 to 150
°C
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ESD PROTECTION
PARAMETER
MAX
UNIT
Human-Body Model (HBM)
1000
V
ESD
Electrostatic discharge rating
Charged-Device Model (CDM)
1000
V
Machine Model (MM)
100
V
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54331-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com