Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54331
Description  3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54331 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
1
2
3
4
5
6
7
8
BOOT
VIN
EN
SS
PH
GND
COMP
VSENSE
TPS54331-Q1
SLVSAB5 – NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 3.5V to 28V (unless otherwise noted)
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PULSE SKIPPING ECO-MODE™
Pulse skipping Eco-mode™ switch current threshold
160
mA
CURRENT LIMIT
Current limit threshold
VIN = 12 V
3.5
5.8
A
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
SLOW START (SS PIN)
Charge current
V(SS) = 0.4 V
2
mA
SS to VSENSE matching
V(SS) = 0.4 V
10
mV
DEVICE INFORMATION
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
BOOT
1
A 0.1 mF bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor falls below the
minimum requirement, the high-side MOSFET is forced to switch off until the capacitor is refreshed.
VIN
2
Input supply voltage, 3.5 V to 28 V.
EN
3
Enable pin. Pull below 1.25V to disable. Float to enable. Programming the input undervoltage lockout with two
resistors is recommended.
SS
4
Slow start pin. An external capacitor connected to this pin sets the output rise time.
VSENSE
5
Inverting node of the gm error amplifier.
COMP
6
Error amplifier output, and input to the PWM comparator. Connect frequency compensation components to this pin.
GND
7
Ground.
PH
8
The source of the internal high-side power MOSFET.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54331-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com