Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 18 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 14Page - Texas Instruments DIX4192 Datasheet HTML 15Page - Texas Instruments DIX4192 Datasheet HTML 16Page - Texas Instruments DIX4192 Datasheet HTML 17Page - Texas Instruments DIX4192 Datasheet HTML 18Page - Texas Instruments DIX4192 Datasheet HTML 19Page - Texas Instruments DIX4192 Datasheet HTML 20Page - Texas Instruments DIX4192 Datasheet HTML 21Page - Texas Instruments DIX4192 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
MCLK
RXCKO
UserAccess
(UA)Buffers
TransmitterAccess
(TA)Buffers
Channel
Status
User
Data
FromReceiver
Access(RA) Buffer
FromReceiver
Access(RA) Buffer
To/From SPIorI C
2
HostInterface
To/From SPIorI C
2
HostInterface
TXCLK
TXCUS[1:0] TXBTD
TXIS[1:0]
BLS(pin35)
SYNC(pin36)
AE 3
S
Encoder
AESMUX
LDMUX
AESOFF
TXOFF
From
Bypass
Multiplexer
Output
TX+(pin32)
TX (pin31)
-
AESOUT
(pin34)
Master
Clock
Source
Daa
t
Source
Channel
Status
User
Daa
t
TXMUTE
BL M
S
PortA
PortB
DIR
TXDIV[1:0]
18
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
The Parity (P) bit will always be generated by the AES3 encoder internal parity generator logic, such that bits 4
through 31 of the AES3-encoded subframe are even parity.
The AES3 encoder output is connected to the output line driver and CMOS buffer source multiplexers. As shown
in Figure 11, the source multiplexers allow the line driver or buffer to be driven by the AES3-encoded data from
the DIT, or by the bypass multiplexer, which is associated with the outputs of the four differential input line
receivers preceding the DIR core. The bypass multiplexer allows for one of the four line receiver outputs to be
routed to the line driver or buffer output, thereby providing a bypass mode of operation. Both the line driver and
CMOS output buffer include output disables, set by the TXOFF and AESOFF bits in control register 0x08. When
the outputs are disabled, they are forced to a low logic state.
The AES3 encoder includes an output mute function that sets all bits for both the Channel 1 and 2 audio and
auxiliary data to zero. The preamble, V, U, and C bits are unaffected, while the P bit is recalculated. The mute
function is controlled using the TXMUTE bit in control register 0x08.
Figure 11. Digital Interface Transmitter (DIT) Functional Block Diagram
The AES3 encoder includes a block start input/output pin, BLS (pin 35). The BLS pin may be programmed as an
input or output. The input/output state of the BLS pin is programmed using the BLSM bit in control register 0x07.
By default, the BLS pin is configured as an input.
As an input, the BLS pin may be used to force a block start condition, whereby the start of a new block of
channel status and user data is initiated by generating a Z preamble for the next frame of data. The BLS input
must be synchronized with the DIT internal SYNC clock. This clock is output on SYNC (pin 36). The SYNC clock
rising edge is aligned with the start of each frame for the AES3-encoded data output by the DIT. Figure 12 shows
the format required for an external block start signal, as well as indicating the format when the BLS pin is
configured as an output. When the BLS pin is an output, the DIT generates the block start signal based upon the
internal SYNC clock.
For details regarding DIT control and status registers, as well as channel status and user data buffers, refer to
Control Registers and Channel Status and User Data Buffer Maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com