Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 31 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 27Page - Texas Instruments DIX4192 Datasheet HTML 28Page - Texas Instruments DIX4192 Datasheet HTML 29Page - Texas Instruments DIX4192 Datasheet HTML 30Page - Texas Instruments DIX4192 Datasheet HTML 31Page - Texas Instruments DIX4192 Datasheet HTML 32Page - Texas Instruments DIX4192 Datasheet HTML 33Page - Texas Instruments DIX4192 Datasheet HTML 34Page - Texas Instruments DIX4192 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
31
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 28. Register 06: Port B Control Register 2
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
BCLK1
BCLK0
BDIV1
BDIV0
Table 9. Register 06: Port B Control Register 2 Field Descriptions
BDIV[1:0]
Port B Master Mode Clock Divider
These bits are used to set the master clock divider for generating the LRCKB clock for Port B when configured for Master mode operation.
BCKB is always set to 64 times the LRCKB clock rate in Master mode.
BDIV1
BDIV0
Master Mode Clock Divider
0
0
Divide-by-128 (default)
0
1
Divide-by-256
1
0
Divide-by-384
1
1
Divide-by-512
BCLK[1:0]
Port B Master Clock Source
These bits are used to set the master clock source for Port B when configured for Master mode operation.
BCLK1
BCLK0
Master Clock Source
0
0
MCLK (default)
0
1
RXCKI
1
0
RXCKO
1
1
Reserved
Figure 29. Register 07: Transmitter Control Register 1
7 (MSB)
6
5
4
3
2
1
0 (LSB)
TXCLK
TXDIV1
TXDIV0
TXIS1
TXIS0
BLSM
VALID
BSSL
Table 10. Register 07: Transmitter Control Register 1 Field Descriptions
BSSL
Block Start or Asynchronous Data Slip Interrupt Trigger Selection
This bit is used to select the trigger source for the Transmitter TSLIP status and interrupt bit.
BSSL
TSLIP Interrupt Trigger Source
0
Data slip condition (default)
1
Block start condition
VALID
Validity (V) Data Bit
This bit may be used to set the validity (or V) data bit in the AES3-encoded output. Refer to the VALSEL bit in control register 0x09 for V-
bit source selection.
VALID
Transmitted Validity (V) Bit Data
0
Indicates that the transmitted audio data is suitable for conversion to an analog signal or for further digital
processing. (default)
1
Indicates that the transmitted audio data is not suitable for conversion to an analog signal or for further
digital processing.
BLSM
Transmitter Block Start Input and Output Mode
This bit is used to select the input and output mode for the DIT block start pin, BLS (pin 35).
BLSM
BLS Pin Mode
0
Input (default)
1
Output
TXIS[1:0]
Transmitter Input Data Source
These bits are used to select the audio data source for the DIT function block.
TXIS1
TXIS0
Output Word Length
0
0
Port A (default)
0
1
Port B
1
0
DIR
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com