Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 36 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 32Page - Texas Instruments DIX4192 Datasheet HTML 33Page - Texas Instruments DIX4192 Datasheet HTML 34Page - Texas Instruments DIX4192 Datasheet HTML 35Page - Texas Instruments DIX4192 Datasheet HTML 36Page - Texas Instruments DIX4192 Datasheet HTML 37Page - Texas Instruments DIX4192 Datasheet HTML 38Page - Texas Instruments DIX4192 Datasheet HTML 39Page - Texas Instruments DIX4192 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 39. Register 11: Receiver PLL1 Configuration Register 3
7 (MSB)
6
5
4
3
2
1
0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
Table 18. Register 11: Receiver PLL1 Configuration Register 3 Field Descriptions
Registers 0x0F through 0x11 are used to program PLL1 in the DIR core. PLL1 multiplies the DIR reference clock source to an oversampling rate which is
adequate for AES3 decoder operation. PLL1 is programmed using the following relationship:
(CLOCK × K) / P = 98.304 MHz
where:
CLOCK = frequency of the DIR reference clock source.
K = J.D, where the integer part J = 1 to 63, and the fractional part D = 0 to 9999.
P = the pre-divider value, which may be set to any 4-bit value that meets the conditions stated below.
The following conditions must be met for the values of P, J, and D:
If D = 0,
then:
2 MHz
≤ (CLOCK / P) ≤ 20 MHz and 4 ≤ J ≤ 55.
If D
≠ 0,
then:
10 MHz
≤ (CLOCK / P) ≤ 20 MHz and 4 ≤ J ≤11.
Referring to registers 0x0F through 0x11:
P is programmed using bits P[3:0].
J is programmed using bits J[5:0].
D is programmed using bits D[13:0].
Table 19 shows values for P, J, and D for common
DIR reference clock rates.
Table 19. PLL1 Register Values for Common Reference Clock Rates
REFERENCE CLOCK RATE (MHz)
P
J
D
ERROR (%)
8.1920
1
12
0
0.0000
11.2896
1
8
7075
0.0002
12.2880
1
8
0
0.0000
16.3840
1
6
0
0.0000
22.5792
2
8
7075
0.0002
24.5760
2
8
0
0.0000
27.0000
2
7
2818
0.0003
Figure 40. Register 12: Non-PCM Audio Detection Status Register (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
DTS CD/LD
IEC61937
Table 20. Register 12: Non-PCM Audio Detection Status Register (Read-Only) Field Descriptions
IEC61937
This bit is used to indicate the detection of an IEC 61937 data reduced audio format (includes Dolby AC-3, DTS, etc.) for DVD playback
or general transmission purposes.
IEC61937
Status
0
Data is not an IEC61937 format.
1
Data is an IEC61937 format. Refer to the PC and PD preamble registers (addresses 0x29
through 0x2C) for data type and burst length.
DTS CD/LD
This bit is used to indicate the detection of a DTS encoded audio compact disc (CD) or Laserdisc (LD) playback.
DTS CD/LD
Status
0
The CD/LD is not DTS-encoded.
1
DTS CD/LD playback detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com