Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 20 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 16Page - Texas Instruments DIX4192 Datasheet HTML 17Page - Texas Instruments DIX4192 Datasheet HTML 18Page - Texas Instruments DIX4192 Datasheet HTML 19Page - Texas Instruments DIX4192 Datasheet HTML 20Page - Texas Instruments DIX4192 Datasheet HTML 21Page - Texas Instruments DIX4192 Datasheet HTML 22Page - Texas Instruments DIX4192 Datasheet HTML 23Page - Texas Instruments DIX4192 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
RX+
RX±
To Rec
and Bypass Multiplexers
eiver Input
VDD33
DGND2
+
±
24 k
24 k
24 k
24 k
3 k
3 k
20
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 14. Differential Line Receiver Circuit
The outputs of the four line receivers are connected to two 1-of-4 data selectors: the receiver input multiplexer
and the bypass multiplexer. The input multiplexer selects one of the four line receiver outputs as the source for
the AES3-encoded data stream to be processed by the DIR core. The bypass multiplexer is used to route a line
receiver output to either the DIT line driver or CMOS-buffered outputs, thereby bypassing all other internal
circuitry. The bypass function is useful for simple signal distribution and routing applications.
The DIR requires a reference clock, supplied by an external source applied at either the RXCKI (pin 13) or MCLK
(pin 25) clock inputs. PLL1 multiplies the reference clock to a higher rate, which is used as the oversampling
clock for the AES3 decoder. The decoder samples the AES3-encoded input stream in order to extract all of the
audio and status data. The decoded data stream is sent on to a de-multiplexer, where audio and status data are
separated for further processing and buffering. The pulse generator circuitry samples the encoded input data
stream and generates a clock that is 16 times the frame/sampling rate (or fS). The 16 fS clock is then processed
by PLL2, which further multiplies the clock rate and provides low-pass filtering for jitter attenuation. The available
PLL2 output clock rates include 512 fS, 256 fS, and 128 fS. The maximum available PLL2 output clock rate for a
given input sampling rate is estimated by internal logic and made available for readback through status register
0x13.
The output of PLL2 may be divided by a factor of two, four, or eight, or simply passed through to the recovered
master clock output, RXCKO (pin 12). The RXCKO clock may also be routed internally to other function blocks,
where it may be further divided to create left/right word and bit clocks. The RXCKO output may be disabled and
forced to a high-impedance state by means of a control register bit, allowing other tri-state buffered clocks to be
tied to the same external circuit node, if required. By default, the RXCKO output (pin 12) is disabled and forced
to a high-impedance state.
Figure 15 shows the frequency response of PLL2. Jitter attenuation starts at approximately 50 kHz. Peaking is
nominally 1 dB, which is within the 2 dB maximum allowed by the AES3 standard. The receiver jitter tolerance
plot for the DIR is shown in Figure 16, along with the required AES3 jitter tolerance template. The DIR jitter
tolerance satisfies the AES3 requirements, as well as the requirements set forth by the IEC60958-3 specification.
Figure 16 was captured using a full-scale 24-bit, two-channel, AES3-encoded input stream with a 48kHz frame
rate.
The decoded audio data, along with the internally-generated sync clocks, may be routed to other function blocks,
including Port A, Port B, and the DIT. The decoded channel status and user data are buffered in the
corresponding Receiver Access (RA) data buffers, then transferred to the corresponding User Access (UA) data
buffers, where it may be read back through either the SPI or I2C serial host interface. The contents of the RA
buffers may also be transferred to the DIT UA data buffers; this transfer is shown in Figure 11. The channel
status and user data bits may also be output serially through the general-purpose output pins, GPO[4:1].
Figure 17 shows the output format for the GPO pins when used for this purpose, along with the DIR block start
(BLS) and frame synchronization (SYNC) clocks. The rising edges of the DIR SYNC clock output are aligned with
the start of each frame for the received AES3 data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com