Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 26 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 22Page - Texas Instruments DIX4192 Datasheet HTML 23Page - Texas Instruments DIX4192 Datasheet HTML 24Page - Texas Instruments DIX4192 Datasheet HTML 25Page - Texas Instruments DIX4192 Datasheet HTML 26Page - Texas Instruments DIX4192 Datasheet HTML 27Page - Texas Instruments DIX4192 Datasheet HTML 28Page - Texas Instruments DIX4192 Datasheet HTML 29Page - Texas Instruments DIX4192 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
26
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9.5 Register Maps
9.5.1 Register and Data Buffer Organization
The DIX4192-Q1 organizes the on-chip registers and data buffers into four pages. The currently active page is
chosen by programming the Page Selection Register to the desired page number. The Page Selection Register
is available on every register page at address 0x7F, allowing easy movement between pages. Table 2 indicates
the page selection corresponding to the Page Selection Register value.
Table 2. Register Page Selection
Page Selection Register Value (Hex)
Selected Register Page
00
Page 0, control and status registers
01
Page 1, DIR channel status and user data buffers
02
Page 2, DIT channel status and user data buffers
03
Page 3, reserved
Register Page 0 contains the control registers used to configure the various function blocks within the DIX4192-
Q1. In addition, status registers are provided for flag and error conditions, with many of the status bits capable of
generating an interrupt signal when enabled. See Table 3 for the control and status register map.
Register Page 1 contains the digital interface receiver (or DIR) channel status and user data buffers. These
buffers correspond to the data contained in the C and U bits of the previously received block of the AES3-
encoded data stream. The contents of these buffers may be read through the SPI or I2C serial host interface and
processed as required by the host system. See Table 35 for the DIR channel status buffer map, and Table 36 for
the DIR user data buffer map.
Register Page 2 contains the digital interface transmitter (or DIT) channel status and user data buffers. These
buffers correspond to the data contained in the C and U bits of the transmitted AES3-encoded data stream. The
contents of these buffers may be written through the SPI or I2C serial host interface to configure the C and U bits
of the transmitted AES3 data stream. The buffers may also be read for verification by the host system. See
Table 37 for the DIT channel status buffer map, and Table 38 for the DIT user data buffer map.
Register Page 3 is reserved for factory test and verification purposes, and cannot be accessed without an unlock
code. The unlock code remains private; the test modes disable normal operation of the device, and are not
useful in customer applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com