Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 56 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 56 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 52Page - Texas Instruments DIX4192 Datasheet HTML 53Page - Texas Instruments DIX4192 Datasheet HTML 54Page - Texas Instruments DIX4192 Datasheet HTML 55Page - Texas Instruments DIX4192 Datasheet HTML 56Page - Texas Instruments DIX4192 Datasheet HTML 57Page - Texas Instruments DIX4192 Datasheet HTML 58Page - Texas Instruments DIX4192 Datasheet HTML 59Page - Texas Instruments DIX4192 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
R1andR2areselectedtoachievethedesiredoutputvoltagelevelwhilemaintainingtherequired75
transmitteroutputimpedance.
W
TheTX+outputimpedanceisnegligible.
(a)Transformer-CoupledUnbalancedOutput
1:1
R2
0.1 F
m
TX+
DigitalOutput
75
Unbalan
W
ced
(RCAorBNCconnector)
R1
(b)UnbalancedOutputWithoutTransformer
R2
0.1mF
TX+
DigitalOutput
75
Unbalan
W
ced
(RCAorBNCconnector)
R1
1:1
0.1 F
m
TX+
TX-
3
2
1
XLR
DigitalOutput
110
B
W
alanced
110W
56
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Application Information (continued)
Figure 77. Transformer-Coupled Balanced Output Interface
Unbalanced 75-
Ω coaxial cable interfaces are commonly employed in consumer and broadcast audio
applications. Designs with and without transformer line coupling may be used. Figure 78(a) shows the
recommended 75-
Ω transformer-coupled line driver interface, which shares many similarities to the balanced
design shown in Figure 77. Figure 78(b) shows the transformer-free line driver interface, which is commonly used
for S/PDIF consumer connections.
Figure 78. Unbalanced Line Output Interfaces
Optical interfaces using all-plastic fiber are commonly employed for consumer audio equipment where
interconnections are less than 10 m in length. Most optical transmitter modules used for a digital audio interface
operate from a single 3.3-V or 5-V supply and have a TTL-compatible logic input. The CMOS-buffered transmitter
output of the DIX4192-Q1, AESOUT (pin 34), is capable of driving the optical transmitter with VIO supply
voltages down to 3 V. If the VIO supply voltage is less than 3 V, then level translation logic is required to drive
the optical transmitter input. A good choice for this application is the Texas Instruments SN74AVC1T45 single
bus transceiver. This device features two power-supply rails, one for the input side and one for the output side.
For this application, the input side supply is powered from the VIO supply, while the output side is powered from
a 3.3-V supply. This configuration will boost the logic high level to a voltage suitable for driving the TTL-
compatible input configuration. Figure 79 shows the recommended optical transmitter interface circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com