Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 13Page - Texas Instruments LM3697 Datasheet HTML 14Page - Texas Instruments LM3697 Datasheet HTML 15Page - Texas Instruments LM3697 Datasheet HTML 16Page - Texas Instruments LM3697 Datasheet HTML 17Page - Texas Instruments LM3697 Datasheet HTML 18Page - Texas Instruments LM3697 Datasheet HTML 19Page - Texas Instruments LM3697 Datasheet HTML 20Page - Texas Instruments LM3697 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17
LM3697
www.ti.com
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
Product Folder Links: LM3697
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
(1)
The PWM inputmust always be in the inactive state when setting the Control bank PWM Enable bit. The PWM configuration bits must
only be changed when the PWM is disabled for both Control Banks.
(2)
The Control Brightness MSB Register must be written for the Control Brightness LSB Register value to take effect.
7.5 Register Maps
Table 2. LM3697 Register Descriptions
NAME
ADDRESS
POWER-ON RESET
OPERATION
Revision
0x00
0x01
Dynamic
Software Reset
0x01
0x00
Dynamic
HVLED Current Sink Output Configuration
0x10
0x06
Static
Control A Start-up/Shutdown Ramp Time
0x11
0x00
Static
Control B Start-up/Shutdown Ramp Time
0x12
0x00
Static
Control A/B Run time Ramp Time
0x13
0x00
Static
Control A/B Run time Ramp Configuration
0x14
0x00
Static
Reserved
0x15
0x33
Static
Brightness Configuration
0x16
0x00
Static
Control A Full-Scale Current Setting
0x17
0x13
Static
Control B Full-Scale Current Setting
0x18
0x13
Static
HVLED Current Sink Feedback Enables
0x19
0x07
Static
Boost Control
0x1A
0x00
Static
Auto-Frequency Threshold
0x1B
0xCF
Static
PWM Configuration
0x1C
0x0C
Dynamic(1)
Control A Brightness LSB
0x20
0x00
Dynamic(2)
Control A Brightness MSB
0x21
0x00
Dynamic
Control B Brightness LSB
0x22
0x00
Dynamic(2)
Control B Brightness MSB
0x23
0x00
Dynamic
Control Bank Enables
0x24
0x00
Dynamic
HVLED Open Faults
0xB0
0x00
Production Test Only
HVLED Short Faults
0xB2
0x00
Production Test Only
LED Fault Enables
0xB4
0x00
Production Test Only
Table 3. Revision (Address 0x00)
Bits [7:4]
Not Used
Bits [3:0]
Silicon Revision
Reserved
0001 = Rev. A2 Silicon
Table 4. Software Reset (Address 0x01)
Bits [7:1]
Not Used
Bit [0]
Silicon Revision
Reserved
0 = Normal Operation
1 = Software Reset (self-clearing)
Table 5. HVLED Current Sink Output Configuration (Address 0x10)
Bits [7:3]
Not Used
Bit [2]
HVLED3 Configuration
Bit [1]
HVLED2 Configuration
Bit [0]
HVLED1 Configuration
Reserved
0 = Control A
1 = Control B (default)
0 = Control A
1 = Control B (default)
0 = Control A (default)
1 = Control B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com