Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 9Page - Texas Instruments LM3697 Datasheet HTML 10Page - Texas Instruments LM3697 Datasheet HTML 11Page - Texas Instruments LM3697 Datasheet HTML 12Page - Texas Instruments LM3697 Datasheet HTML 13Page - Texas Instruments LM3697 Datasheet HTML 14Page - Texas Instruments LM3697 Datasheet HTML 15Page - Texas Instruments LM3697 Datasheet HTML 16Page - Texas Instruments LM3697 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
ILED = ILED_FULLSCALE x
1
2047
x Code x DPWM
ILED = ILED_FULLSCALE x
1
255
x Code x DPWM
(44 -
)
ILED = ILED_FULLSCALE x 0.85
Code
5.8181818
x DPWM
+ 1
8
(44 -
)
ILED = ILED_FULLSCALE x 0.85
Code + 1
5.8181818
x DPWM
13
LM3697
www.ti.com
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
Product Folder Links: LM3697
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
7.3.8 High-Voltage Control A and B Ramp Select
The LM3697 provides three options for Control A and B ramp times (see Table 8). When the Run-time Ramp
Select bits are set to 00, the control bank uses both the Start-up/Shutdown and Run-time ramp times. When the
Run-time Ramp Select bits are set to 01, the control bank uses the Start-up/Shutdown ramp times for both start-
up/shutdown and run-time. When the Run-time Ramp Select bits are set to 1x the control bank uses a zero µsec
run-time ramp.
7.4 Device Functional Modes
7.4.1 LED Current Mapping Modes
All control banks can be programmed for either exponential or linear mapping modes (see Figure 10 and
Figure 11). These modes determine the transfer characteristic of backlight code to LED current. Independent
mapping of Control Banks A and B is not allowed: both banks uses the same mapping mode.
7.4.1.1 Exponential Mapping
In Exponential Mapping Mode the current ramp (either up or down) appears to the human eye as a more uniform
transition then the linear ramp. This is due to the logarithmic response of the eye.
7.4.1.1.1
8-Bit Code Calculation
In Exponential Mapping Mode the brightness code to backlight current transfer function is given by the equation:
(1)
Where ILED_FULLSCALE is the full-scale LED current setting (see Table 10), Code is the 8-bit backlight code in the
Control Brightness MSB register and DPWM is the PWM Duty Cycle.
7.4.1.1.2
11-Bit Code Calculation
In Exponential Mapping Mode the brightness code to backlight current transfer function is given by the equation:
(2)
Where ILED_FULLSCALE is the full-scale LED current setting (see Table 10), Code is the 11-bit backlight code in the
Control Brightness MSB and LSB registers and DPWM is the PWM Duty Cycle.
7.4.1.2 Linear Mapping
In Linear Mapping Mode the brightness code to backlight current has a linear relationship.
7.4.1.2.1
8-Bit Code Calculation
The 8-bit linear mapping follows the equation:
(3)
Where ILED_FULLSCALE is the full-scale LED current setting, Code is the 8-bit backlight code in the Control
Brightness MSB register and DPWM is the PWM Duty Cycle.
7.4.1.2.2
11-Bit Code Calculation
The 11-bit linear mapping follows the equation:
(4)
Where ILED_FULLSCALE is the full-scale LED current setting, Code is the 11-bit backlight code in the Control
Brightness MSB and LSB registers and DPWM is the PWM Duty Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com