Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments LM3697 Datasheet HTML 10Page - Texas Instruments LM3697 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
t4
t2
t3
t5
t1
SCL
SDA_IN
SDA_OUT
7
LM3697
www.ti.com
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
Product Folder Links: LM3697
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C) and VIN = 3.6 V, unless otherwise
specified.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM INPUT
VPWM_L
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VPWM_H
Input logic high
2.7V
≤ VIN ≤ 5.5 V
1.31
VIN
tPWM
Minimum PWM input pulse
2.7 V
≤ VIN ≤ 5.5 V, PWM zero detect enabled
0.75
µs
I2C-COMPATIBLE VOLTAGE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.29
VIN
VOL
Output logic low (SDA)
2.7 V
≤ VIN ≤ 5.5 V, ILOAD = 3 mA
400
mV
(1)
SCL and SDA must be glitch-free in order for proper brightness control to be realized.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C-COMPATIBLE TIMING SPECIFICATIONS (SCL, SDA)(1)
t1
SCL (clock period)
2.7 V
≤ VIN ≤ 5.5 V
2.5
µs
t2
Data In set-up time to SCL high
2.7 V
≤ VIN ≤ 5.5 V
100
ns
t3
Data out stable after SCL low
2.7 V
≤ VIN ≤ 5.5 V
0
ns
t4
SDA low set-up time to SCL low (start)
2.7 V
≤ VIN ≤ 5.5 V
100
ns
t5
SDA high hold time after SCL high (stop)
2.7 V
≤ VIN ≤ 5.5 V
100
ns
INTERNAL POR THRESHOLD AND HWEN TIMING SPECIFICATION
VPOR
POR reset release voltage threshold
VIN ramp time = 100 µs
1.7
2.1
V
VIN ramp time = 100 µs, TA =
25°C
1.9
tHWEN
First I2C start pulse after HWEN high
2.7 V
≤ VIN ≤ 5.5 V, POR
reset complete
20
µs
POR reset complete, TA =
25°C
5.0
Figure 1. I2C-Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com