Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 2Page - Texas Instruments LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments LM3697 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
LM3697
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
www.ti.com
Product Folder Links: LM3697
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and Maximum limits are verified by design, test, or statistical analysis. Typical numbers are not verified, but do represent the
most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(3)
LED current sink matching in the high-voltage current sinks (HVLED1 through HVLED3) is given as the maximum matching value
between any two current sinks, where the matching between any two high voltage current sinks (X and Y) is given as (IHVLEDX ( or
IHVLEDY) × IAVE(X-Y))/(IAVE(X-Y)) × 100. In this test all three HVLED current sinks are assigned to Bank A.
6.5 Electrical Characteristics
Limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C) and VIN = 3.6 V, unless otherwise
specified.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISHDN
Shutdown current
2.7 V
≤ VIN ≤ 5.5 V, HWEN = GND
3
µA
TA = 25°C
1
ILED_MIN
Minimum LED current
Full-scale current = 20.2 mA
Exponential mapping, TA = 25°C
6
µA
TSD
Thermal shutdown
140
°C
Hysteresis
15
BOOST CONVERTER
IHVLED(1/2/3)
Output current regulation
(HVLED1, HVLED2, HVLED3)
Full-scale current= 20.2 mA,
Exponential mapping,
Brightness Code =
maximum
2.7 V
≤ VIN ≤ 5.5 V
18.38
20.2
22.02
mA
Full-scale current= 20.2 mA,
Exponential mapping,
Brightness Code =
maximum
HVLED1 Bank A, HVLED2/3
Bank B
TA = 25°C
–3.4%
±2 %
3.2%
TA = 25°C
3 V
≤ VIN ≤ 4.5 V
–3.6%
3.4%
TA = 25°C
±2 %
IMATCH_HV
HVLED1 to HVLED2 or
HVLED3 matching (3)
Exponential mapping,
auto headroom off,
PWM Off,
HVLED1/2/3 Bank A
2.7 V
≤ VIN ≤ 5.5 V
ILED = 20.2 mA
−2.5%
2.5%
TA = 25°C
ILED = 20.2 mA
–2%
1.7%
2.7 V
≤ VIN ≤ 5.5 V
ILED = 500 µA
–8.5%
8.5%
VREG_CS
Regulated current sink
headroom voltage
Auto-headroom off, TA = 25°C
400
mV
VHR_MIN
Minimum current sink
headroom voltage for HVLED
current sinks
ILED = 95% of nominal, Full-scale current = 20.2 mA
275
mV
ILED = 95% of nominal, Full-scale current =
20.2 mA , TA = 25°C
190
RDSON
NMOS switch on resistance
ISW = 500 mA, TA = 25°C
0.3
Ω
ICL_BOOST
NMOS switch current limit
880
1120
mA
TA = 25°C
1000
VOVP
Output overvoltage protection
ON Threshold
OVP select bits = 11
2.7 V
≤ VIN ≤ 5.5 V
38.75
41.1
V
TA = 25°C
40
Hysteresis
TA = 25°C
1
ƒSW
Switching frequency
Boost frequency select bit =
0
2.7 V
≤ VIN ≤ 5.5 V
450
550
kHz
TA = 25°C
500
Boost frequency select bit =
1
2.7 V
≤ VIN ≤ 5.5 V
900
1100
TA = 25°C
1000
DMAX
Maximum duty cycle
TA = 25°C
94%
HWEN INPUT
VHWEN_L
Logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VHWEN_H
Logic high
2.7 V
≤ VIN ≤ 5.5 V
1.2
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com