Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 1 Page - Texas Instruments

  LM3697 Datasheet HTML 1Page - Texas Instruments LM3697 Datasheet HTML 2Page - Texas Instruments LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Three String, L=22µH, 1MHz
3s3p
4s3p
5s3p
6s3p
7s3p
C049
IN
SW
HVLED1
PGND
HWEN
SDA
SCL
COUT
CIN
L
D1
PWM
OVP
VIN = 2.7V to 5.5V
VOUT up to 40V
VIN
HVLED3
HVLED2
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3697
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
LM3697 High-efficiency three-string white LED driver
1
1 Features
1
•
Drives three parallel high-voltage led strings for
display and keypad lighting
•
High-voltage strings capable of up to 40-V output
voltage and up to 90% efficiency
•
Up to 30 mA per current sink
•
11-Bit configurable dimming resolution
•
PWM input for content adjustable brightness
control (CABC)
•
Fully configurable LED grouping and control
•
Integrated 1-A/40-V MOSFET
•
Adaptive boost output to LED voltages
•
Selectable 500-kHz and 1-MHz switching
frequency
•
Four configurable overvoltage protection
thresholds (16 V, 24 V, 32 V, and 40 V)
•
Overcurrent protection
•
Thermal shutdown protection
•
29-mm2 Total solution size
2 Applications
•
Power source for smart phone illumination
•
Display, keypad, and indicator illumination
3 Description
The
LM3697
11-bit
LED
driver
provides
high-
performance backlight dimming for 1, 2, or 3 series
LED strings while delivering up to 90% efficiency. The
boost converter with integrated 1-A, 40-V MOSFET
automatically adjusts to LED forward voltage to
minimize headroom voltage and effectively improve
LED efficiency.
The LM3697 is a high-efficiency three-string power
source for backlight or keypad LEDs in smart-phone
handsets. The high-voltage inductive boost converter
provides the power for three-series LED strings for
display backlight and keypad functions (HVLED1,
HVLED2, and HVLED3).
An additional feature is a pulse width modulation
(PWM) control input for content adjustable backlight
control, which can be used to control any high-
voltage current sink.
The
LM3697
is
fully
configurable
via
an
I2C-
compatible interface. The device operates over a
2.7-V to 5.5-V input voltage range and a
−40°C to
+85°C temperature range.
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE (MAX)
LM3697
DSBGA (12)
1.64 mm × 1.29 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Simplified Schematic
Boost Efficiency


Similar Part No. - LM3697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
More results

Similar Description - LM3697

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com