Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 4 Page - Texas Instruments

  LM3697 Datasheet HTML 1Page - Texas Instruments LM3697 Datasheet HTML 2Page - Texas Instruments LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
A
B
C
D
1
2
3
Top View
D
C
B
A
1
2
3
Bottom View
4
LM3697
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
www.ti.com
Product Folder Links: LM3697
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFQ Package
12-Pin DSBGA
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
A1
PWM
Input
PWM brightness control input for CABC operation. PWM is a high-impedance input and cannot
be left floating, if not used connect to GND.
A2
SDA
I/O
Serial data connection for I2C-compatible interface.
A3
HWEN
Input
Hardware enable input. Drive this pinl high to enable the device. Drive this pin low to force the
device into a low power shutdown. HWEN is a high-impedance input and cannot be left floating.
B1
HVLED1
Input
Input pin to high-voltage current sink 1 (40 V maximum). The boost converter regulates the
minimum of HVLED1, HVLED2 and HVLED3 to VHR.
B2
SCL
Input
Serial clock connection for I2C-compatible interface.
B3
IN
Input
Input voltage connection. Bypass IN to GND with a minimum 2.2-µF ceramic capacitor.
C1
HVLED2
Input
Input pin to high-voltage current sink 2 (40 V maximum). The boost converter regulates the
minimum of HVLED1, HVLED2 and HVLED3 to VHR.
C2
GND
GND
Ground
C3
GND
GND
Ground
D1
HVLED3
Input
Input pin to high-voltage current sink 3 (40 V maximum). The boost converter regulates the
minimum of HVLED1, HVLED2 and HVLED3 to VHR.
D2
OVP
Input
Overvoltage sense input. Connect OVP to the positive terminal of the inductive boost's output
capacitor (COUT).
D3
SW
Output
Drain connection for the internal NFET. Connect SW to the junction of the inductor and the
Schottky diode anode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com