Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3697
Description  LM3697 High-efficiency three-string white LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3697 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 17Page - Texas Instruments LM3697 Datasheet HTML 18Page - Texas Instruments LM3697 Datasheet HTML 19Page - Texas Instruments LM3697 Datasheet HTML 20Page - Texas Instruments LM3697 Datasheet HTML 21Page - Texas Instruments LM3697 Datasheet HTML 22Page - Texas Instruments LM3697 Datasheet HTML 23Page - Texas Instruments LM3697 Datasheet HTML 24Page - Texas Instruments LM3697 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
LM3697
www.ti.com
SNOSCS2D – NOVEMBER 2013 – REVISED MARCH 2019
Product Folder Links: LM3697
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3697 provides a complete high-performance LED lighting solution for mobile handsets. The LM3697 is
highly configurable and can support the LED configurations summarized in Table 23. The LM3697 provides
internal ramp time generators to provide smooth LED dimming with 11-bit control while requiring only 8-bit control
from the host controller. The LM3697EVM is available with GUI software to aid understanding of the LM3697
operation.
Table 23. Supported LED Configurations
NUMBER OF LED STRINGS
MAXIMUM OUTPUT VOLTAGE
3
See Peak Current Limited
2
39 V
1
39 V
8.2 Typical Applications
Figure 13. LM3697 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com