| Electronic Components Datasheet Search |
|
AM486DE2 Datasheet(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM486DE2 Datasheet(HTML) 23 Page - Advanced Micro Devices |
|
23 / 52 page ![]() Am486DE2 Microprocessor 23 For uses such as fast enabling of external I/O devices, the SMSAVE mode permits the restarting of the I/O in- structions and the HALT instruction. This is accom- plished through I/O Trap Restart and Halt/Auto Halt Restart slots. Only I/O and HALT opcodes are restart- able. Attempts to restart any other opcode may result in unpredictable behavior. The System Management Interrupt hardware interface consists of the SMI request input and the SMIACT out- put used by the system to decode the SMRAM (see Figure 5). System Management Interrupt Processing SMI is a falling-edge-triggered, non-maskable interrupt- request signal. SMI is an asynchronous signal, but setup and hold times must be met to guarantee recognition in a specific clock. The SMI input does not have to remain active until the interrupt is actually serviced. The SMI input needs to remain active for only a single clock if the required setup and hold times are met. SMI also works correctly if it is held active for an arbitrary number of clocks (see Figure 6). The SMI input must be held inactive for at least four clocks after it is asserted to reset the edge-triggered logic. A subsequent SMI may not be recognized if the SMI input is not held inactive for at least four clocks after being asserted. SMI, like NMI, is not affected by the IF bit in the EFLAGS register and is recognized on an in- struction boundary. SMI does not break locked bus cy- cles. SMI has a higher priority than NMI and is not masked during an NMI. After SMI is recognized, the SMI signal is masked internally until the RSM instruction is executed and the interrupt service routine is complete. Masking SMI prevents recursive calls. If another SMI occurs while SMI is masked, the pending SMI is recog- nized and executed on the next instruction boundary after the current SMI completes. This instruction bound- ary occurs before execution of the next instruction in the interrupted application code, resulting in back-to-back SMI handlers. Only one SMI signal can be pending while SMI is masked. The SMI signal is synchronized inter- nally and must be asserted at least three clock periods prior to asserting the RDY signal to guarantee recogni- tion on a specific instruction boundary. This is important for servicing an I/O trap with an SMI handler. SMI Active (SMIACT) SMIACT indicates that the CPU is operating in SMM. The CPU asserts SMIACT in response to an SMI inter- rupt request on the SMI pin. SMIACT is driven active after the CPU has completed all pending write cycles Figure 4. Basic SMI Interrupt Service SMI #1 #2 #3 Instr Instr Instr State Save SMI Handler State Restore #4 #5 Instr Instr SMI SMIACT RSM Figure 5. Basic SMI Hardware Interface CPU SMIACT SMI SMI Interface } |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |