| Electronic Components Datasheet Search |
|
AM486DE2 Datasheet(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM486DE2 Datasheet(HTML) 14 Page - Advanced Micro Devices |
|
14 / 52 page ![]() 14 Am486DE2 Microprocessor This signal is used in cache snooping. The Am486DE2 processor does not support write-back cache. EADS has a weak internal pull-up, which disables this pin. FERR Floating-Point Error (Active-Low Output) Driven active when a floating-point error occurs, FERR is similar to the ERROR pin on a 387 math coprocessor. FERR is included for compatibility with systems using DOS-type floating-point error reporting. FERR is active Low and is not floated during bus hold, except during Three-state Test mode (see FLUSH). FLUSH (Modified) Cache Flush (Active-Low Input) In Write-through mode, FLUSH invalidates the cache without issuing a special bus cycle. FLUSH is an active Low input that needs to be asserted only for one clock. FLUSH is asynchronous, but setup and hold times t20 and t21 must be met for recognition in any specific clock. Sampling FLUSH Low in the clock before the falling edge of RESET causes the microprocessor to enter Three-state Test mode. HITM (New) Hit Modified Line (Active-Low Output) In Write-through mode, HITM floats at all times. HLDA Hold Acknowledge (Output) The HLDA signal is activated in response to a hold re- quest presented on the HOLD pin. HLDA indicates that the microprocessor has given the bus to another local bus master. HLDA is driven active in the same clock in which the microprocessor floats its bus. HLDA is driven inactive when leaving bus hold. HLDA is active High and remains driven during bus hold. HLDA is floated only during Three-state Test mode. (See FLUSH.) HOLD Bus Hold Request (Input) HOLD gives control of the microprocessor bus to anoth- er bus master. In response to HOLD going active, the microprocessor floats most of its output and input/output pins. HLDA is asserted after completing the current bus cycle, burst cycle, or sequence of locked cycles. The microprocessor remains in this state until HOLD is deas- serted. HOLD is active High and does not have an in- ternal pull-down resistor. HOLD must satisfy setup and hold times t18 and t19 for proper operation. IGNNE Ignore Numeric Error (Active-Low Input) When this pin is asserted, the Am486DE2 microproces- sor will ignore a numeric error and continue executing non-control floating-point instructions. When IGNNE is deasserted, the Am486DE2 microprocessor will freeze on a non-control floating-point instruction if a previous floating-point instruction caused an error. IGNNE has no effect when the NE bit in Control Register 0 is set. IGNNE is active Low and is provided with a small internal pull-up resistor. IGNNE is asynchronous but must meet setup and hold times t20 and t21 to ensure recognition in any specific clock. INTR Maskable Interrupt (Input) When asserted, this signal indicates that an external interrupt has been generated. If the internal interrupt flag is set in EFLAGS, active interrupt processing is initiated. The microprocessor generates two locked interrupt ac- knowledge bus cycles in response to the INTR pin going active. INTR must remain active until the interrupt ac- knowledges have been performed to ensure that the interrupt is recognized. INTR is active High and is not provided with an internal pull-down resistor. INTR is asynchronous, but must meet setup and hold times t20 and t 21 for recognition in any specific clock. INV (New) Invalidate (Input) The external system asserts INV to invalidate the cache- line state when an external bus master proposes a write. It is sampled together with A31–A4 during the clock in which EADS is active. INV has an internal weak pull-up. INV is ignored in Write-through mode. KEN Cache Enable (Active-Low Input) KEN determines whether the current cycle is cacheable. When the microprocessor generates a cacheable cycle and KEN is active one clock before RDY or BRDY during the first transfer of the cycle, the cycle becomes a cache- line-fill cycle. Returning KEN active one clock before RDY during the last read in the cache line fill causes the line to be placed in the on-chip cache. KEN is active Low and is provided with a small internal pull-up resistor. KEN must satisfy setup and hold times t 14 and t15 for proper operation. LOCK Bus Lock (Active-Low Output) A Low output on this pin indicates that the current bus cycle is locked. The microprocessor ignores HOLD when LOCK is asserted (although it does acknowledge AHOLD and BOFF). LOCK goes active in the first clock of the first locked bus cycle and goes inactive after the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |