Electronic Components Datasheet Search
  English  ▼

X  

AM486DE2 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM486DE2
Description  8-Kbyte Write-Through Embedded Microprocessor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM486DE2 Datasheet HTML 28Page - Advanced Micro Devices AM486DE2 Datasheet HTML 29Page - Advanced Micro Devices AM486DE2 Datasheet HTML 30Page - Advanced Micro Devices AM486DE2 Datasheet HTML 31Page - Advanced Micro Devices AM486DE2 Datasheet HTML 32Page - Advanced Micro Devices AM486DE2 Datasheet HTML 33Page - Advanced Micro Devices AM486DE2 Datasheet HTML 34Page - Advanced Micro Devices AM486DE2 Datasheet HTML 35Page - Advanced Micro Devices AM486DE2 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
Am486DE2 Microprocessor
s To implement a 0-V suspend function, the system
must have access to all normal system memory from
within an SMI handler routine. If the SMRAM
overlays normal system memory (see Figure 14),
there must be a method to access overlaid system
memory independently.
The recommended configuration is to use a separate
(nonoverlaid) physical address for SMRAM. This non-
overlaid scheme prevents the CPU from improperly ac-
cessing the SMRAM or system RAM directly or through
the cache. Figure 15 shows the relative SMM timing for
nonoverlaid SMRAM for systems configured in Write-
through mode.
When the default SMRAM location is used, however,
SMRAM is overlaid with system main memory (at
38000h–3FFFFh). For simplicity, system designers may
want to use this default address, or they may select
another overlaid address range. However, in this case
the system control circuitry must use SMIACT to distin-
guish between SMRAM and main system memory, and
must restrict SMRAM space access to the CPU only. To
maintain cache coherency and to ensure proper system
operation in systems configured in Write-through mode,
the system must flush both the CPU internal cache and
any second-level caches in response to SMIACT going
Low. A system that uses cache during SMM must flush
the cache a second time in response to SMIACT going
High (see Figure 16). If KEN is driven High when FLUSH
is asserted, the cache is disabled and a second flush is
not required (see Figure 17).
Cache Flushes
The CPU does not unconditionally flush its cache before
entering SMM. Therefore, the designer must ensure
that, for systems using overlaid SMRAM, the cache is
flushed upon SMM entry, and SMM exit if caching is
enabled.
If the flush at SMM entry is not done, the first SMM read
could hit in a cache that contains normal memory space
code/data instead of the required SMI handler and the
handler could not be executed. If the cache is not dis-
abled and cache is not flushed at SMM exit, the normal
read cycles after SMM may hit in a cache that may con-
tain SMM code/data instead of the normal system mem-
ory contents.
In Write-through mode, assert the FLUSH signal in re-
sponse to the assertion of SMIACT at SMM entry, and
if required because the cache is enabled, assert FLUSH
again in response to the deassertion of SMIACT at SMM
exit (see Figure 16 and Figure 17).
Reloading the state registers at the end of SMM restores
cache functionality to its pre-SMM state.
Figure 14. SMRAM Location
Non-overlaid
(no need to flush
caches)
Overlaid
(caches must
be flushed)
Normal
memory
Normal
memory
SMRAM
Normal
memory
Overlaid region
SMRAM
Figure 15. SMM Timing in Systems Using Non-Overlaid Memory Space and Write-Through Mode with
Caching Enabled During SMM
State
Save
SMI Handler
State Resume
Normal
Cycle
RSM
SMI
SMIACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com