Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 39 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 39 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 35Page - TE Connectivity Ltd 927770-1 Datasheet HTML 36Page - TE Connectivity Ltd 927770-1 Datasheet HTML 37Page - TE Connectivity Ltd 927770-1 Datasheet HTML 38Page - TE Connectivity Ltd 927770-1 Datasheet HTML 39Page - TE Connectivity Ltd 927770-1 Datasheet HTML 40Page - TE Connectivity Ltd 927770-1 Datasheet HTML 41Page - TE Connectivity Ltd 927770-1 Datasheet HTML 42Page - TE Connectivity Ltd 927770-1 Datasheet HTML 43Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 260 page
background image
Tab Contacts Symmetric
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
17
Tabs 2.8 x 0.8 mm
with Steel Top Spring,
Mates with
Junior Power Timer
Extraction Tool:
Part No. 1-1579007-6
Product Group Drawing:
1355052
Product Specification:
108-18063
Application Specification:
114-18051
2.8
0.8
0.85
1.4
6.0
9.5
0.32
,) Material and Finish:
1-xxx-1 = CuSn, pre-tin plated
1-xxx-2 = CuSn, selective silver plated
1-xxx-3 = CuSn, selective gold plated
2-xxx-1 = CuFe, pre-tin plated
2-xxx-2 = CuFe, selective silver plated
2-xxx-3 = CuFe, selective gold plated
3-xxx-1 = CuSn, pre-tin plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
25.5 – 28.6
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Hand
Form
Quantity
Piece
Quantity
N Applicator N
Tool
Complete
Tab Contacts with Single Wire Sealing System
Wire Size
Range
(mm2)
0.2–0.5
–
max. 2.1
1-xxx-1 / 1-xxx-3
965982
3,500
965983
500
1528406
734538-1
0.5–1.0
–
max. 2.1
1-xxx-1 / 1-xxx-2 / 1-xxx-3 /
962915
3,500
963748
500
1528452
2063490-1
2-xxx-1 / 2-xxx-2 / 2-xxx-3 /
1.5–2.5
–
max. 3.0
1-xxx-1 / 1-xxx-2 / 1-xxx-3 /
962916
3,500
963749
500
1528316
2063490-1
2-xxx-1 / 2-xxx-2 / 2-xxx-3 /
4.0
–
max. 3.7
1-xxx-1 / 1-xxx-2 /
968947
3,500
968966
500
1528067
–
2-xxx-1 / 2-xxx-2 / 3-xxx-1 /
AWG 12
GXL = max. 3.55
1-xxx-1 / 1-xxx-2
17195040
3,500
17195030
500
1852291
–
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Tab Contacts
Wire Size
Range
(mm2)
0.2–0.5
–
1.15–1.60
1-xxx-1 / 1-xxx-2 / 1-xxx-3 /
963860
4,000
963861
500
1528859
734538-1
2-xxx-1 / 2-xxx-2 / 2-xxx-3 /
0.5–1.0
–
1.4–2.0
1-xxx-1 / 1-xxx-2 / 1-xxx-3 /
962841
4,000
963745
500
1528315
2063490-1
2-xxx-1 / 2-xxx-2 / 2-xxx-3 /
1.5–2.5
–
2.1–2.9
1-xxx-1 / 1-xxx-2 / 1-xxx-3 /
962842
3,500
963746
500
1528305
2063490-1
2-xxx-1 / 2-xxx-2 / 2-xxx-3 /
1.5–2.5
2.4–3.7
–
1-xxx-1 / 1-xxx-2 / 1-xxx-3 /
962843
3,000
963747
500
on request
734417-3
2-xxx-1 / 2-xxx-2 / 2-xxx-3 /
4.0
–
3.4–3.7
1-xxx-1 / 1-xxx-2 /
968946
2,700
968965
500
1528430
–
2-xxx-1 / 2-xxx-2 / 3-xxx-1 /
Part Numbers
Strip
Package
Loose-
Package
Hand
Form
Quantity
Piece
Quantity
N Applicator N
Tool
Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com