Electronic Components Datasheet Search
  English  ▼

X  

927770-1 Datasheet(PDF) 43 Page - TE Connectivity Ltd

Part # 927770-1
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-1 Datasheet(HTML) 43 Page - TE Connectivity Ltd

Back Button 927770-1 Datasheet HTML 39Page - TE Connectivity Ltd 927770-1 Datasheet HTML 40Page - TE Connectivity Ltd 927770-1 Datasheet HTML 41Page - TE Connectivity Ltd 927770-1 Datasheet HTML 42Page - TE Connectivity Ltd 927770-1 Datasheet HTML 43Page - TE Connectivity Ltd 927770-1 Datasheet HTML 44Page - TE Connectivity Ltd 927770-1 Datasheet HTML 45Page - TE Connectivity Ltd 927770-1 Datasheet HTML 46Page - TE Connectivity Ltd 927770-1 Datasheet HTML 47Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 260 page
background image
Single Wire Seals and Sealing Plugs
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
21
Single Wire Seals
and Sealing Plugs
for Junior Power Timer
and 2.8 mm Tabs
(Cavity Diameter 5.2 mm)
3.4
5.65
7.8
4.3
Contact Cavity
of Housing
Sealing Plug
5.2
1.5 +1.5
Color
Part Number
Package
Quantity
0.35
0.35–1.00
1.2–2.1
Blue
963294-1
5,000
0.5–1.0
1.5
2.0–2.7
Red-Brown
963293-1
5,000
1.5
2.5
2.7–3.0
Yellow
963292-1
5,000
––
Sealing Plug
Natural
828922-1
10,000
Green
828922-2
10,000
Wire Size Range
(mm2)
FLK
FLR
Insulation
Diameter
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com